Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP39156 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP39156
Description  IR Receiver Modules for Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP39156 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP39156 Datasheet HTML 1Page - Vishay Siliconix TSOP39156 Datasheet HTML 2Page - Vishay Siliconix TSOP39156 Datasheet HTML 3Page - Vishay Siliconix TSOP39156 Datasheet HTML 4Page - Vishay Siliconix TSOP39156 Datasheet HTML 5Page - Vishay Siliconix TSOP39156 Datasheet HTML 6Page - Vishay Siliconix TSOP39156 Datasheet HTML 7Page - Vishay Siliconix TSOP39156 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 81762
www.vishay.com
Rev. 1.2, 12-Sep-08
153
New TSOP391.., TSOP393..
IR Receiver Modules for
Remote Control Systems
Vishay Semiconductors
Note
(1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating condtions for extended periods may affect the device reliability.
Note
(1) Tamb = 25 °C, unless otherwise specified
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Output Active Low
Fig. 2 - Pulse Length and Sensitivity in Dark Ambient
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage (pin 2)
VS
- 0.3 to + 6.0
V
Supply current (pin 2)
IS
3mA
Output voltage (pin 1)
VO
- 0.3 to (VS + 0.3)
V
Output current (pin 1)
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
- 25 to + 85
°C
Operating temperature range
Tamb
- 25 to + 85
°C
Power consumption
Tamb ≤ 85 °C
Ptot
10
mW
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
ELECTRICAL AND OPTICAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply current (pin 2)
Ev = 0, VS = 3.3 V
ISD
0.27
0.35
0.45
mA
Ev = 40 klx, sunlight
ISH
0.45
mA
Supply voltage
VS
2.5
5.5
V
Transmission distance
Ev = 0, test signal see fig. 1,
IR diode TSAL6200,
IF = 250 mA
d45
m
Output voltage low (pin 1)
IOSL = 0.5 mA, Ee = 0.7 mW/m2,
test signal see fig. 1
VOSL
100
mV
Minimum irradiance
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee min.
0.15
0.35
mW/m2
Maximum irradiance
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee max.
30
W/m2
Directivity
Angle of half transmission distance
ϕ
1/2
± 45
deg
Ee
T
tpi*)
t
VO
VOH
VOL
tpo2)
t
14337
Optical Test Signal
(IR diode TSAL6200, I
F = 0.4 A, N = 6 pulses,
f = f
0, t = 10 ms)
Output Signal
td1)
1) 3/f0 < td < 9/f0
2)
tpi - 4/f0 < tpo < tpi + 6/f0
*) tpi
6/fo is recommended for optimal function
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.1
1
10
100
1000
10 000 100 000
E
e - Irradiance (mW/m²)
20771
λ = 950 nm,
optical test signal, fig. 1
Output Pulse Width
Input Burst Length


Similar Part No. - TSOP39156

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP391 VISHAY-TSOP391 Datasheet
146Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 07-May-12
More results

Similar Description - TSOP39156

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com