Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP34438 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP34438
Description  IR Receiver Modules for Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP34438 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP34438 Datasheet HTML 1Page - Vishay Siliconix TSOP34438 Datasheet HTML 2Page - Vishay Siliconix TSOP34438 Datasheet HTML 3Page - Vishay Siliconix TSOP34438 Datasheet HTML 4Page - Vishay Siliconix TSOP34438 Datasheet HTML 5Page - Vishay Siliconix TSOP34438 Datasheet HTML 6Page - Vishay Siliconix TSOP34438 Datasheet HTML 7Page - Vishay Siliconix TSOP34438 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 81732
www.vishay.com
Rev. 1.2, 20-Aug-08
123
New TSOP348.., TSOP344..
IR Receiver Modules for
Remote Control Systems
Vishay Semiconductors
Fig. 3 - Output Function
Fig. 4 - Output Pulse Diagram
Fig. 5 - Frequency Dependence of Responsivity
Fig. 6 - Sensitivity in Bright Ambient
Fig. 7 - Sensitivity vs. Supply Voltage Disturbances
Fig. 8 - Sensitivity vs. Electric Field Disturbances
E e
t
VO
VOH
VOL
t
600 µs
600 µs
t = 60 ms
t on
t off
94 8134
Optical Test Signal
Output Signal, (see fig. 4)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
1
10
100
1000
10 000
E
e - Irradiance (mW/m²)
20744
λ = 950 nm,
Optical Test Signal, Fig. 3
T
on
T
off
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.7
0.9
1.1
1.3
f/f0 - Relative Frequency
16925
f = f
0 ± 5 %
Δ f(3 dB) = f
0/10
0
0.5
1
1.5
2
2.5
3
3.5
4
0.01
0.1
1
10
100
E
e - Ambient DC Irradiance (W/m²)
Correlation with Ambient Light Sources:
10 W/m² = 1.4 klx (Std. illum. A, T = 2855 K)
10 W/m² = 8.2 klx (Daylight, T = 5900 K)
Wavelength of Ambient
Illumination:
λ = 950 nm
20745
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1
10
100
1000
20746
f = f
0
f = 20 kHz
f = 30 kHz
f = 100 Hz
f = 10 kHz
Δ Vs
RMS - AC Voltage on DC Supply Voltage (mV)
0
50
100
150
200
250
300
350
400
450
500
0
500
1000
1500
2000
2500
3000
f - EMI Frequency (MHz)
20747


Similar Part No. - TSOP34438

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP34438SB1 VISHAY-TSOP34438SB1 Datasheet
177Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 28-Feb-05
TSOP34438SB1F VISHAY-TSOP34438SB1F Datasheet
177Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 28-Feb-05
TSOP34438SS1BS12 VISHAY-TSOP34438SS1BS12 Datasheet
237Kb / 10P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 28-Feb-05
More results

Similar Description - TSOP34438

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com