Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCED2100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCED2100
Description  Optocoupler, Photodarlington Output, Dual Channel, High Gain
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCED2100 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCED2100 Datasheet HTML 1Page - Vishay Siliconix TCED2100 Datasheet HTML 2Page - Vishay Siliconix TCED2100 Datasheet HTML 3Page - Vishay Siliconix TCED2100 Datasheet HTML 4Page - Vishay Siliconix TCED2100 Datasheet HTML 5Page - Vishay Siliconix TCED2100 Datasheet HTML 6Page - Vishay Siliconix TCED2100 Datasheet HTML 7Page - Vishay Siliconix TCED2100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83728
806
Rev. 1.6, 16-May-08
TCED2100/TCED4100
Vishay Semiconductors
Optocoupler, Photodarlington Output,
Dual Channel, High Gain
Note
According to DIN EN 60747-5-5 (see figure 1). This optocoupler is suitable for safe electrical isolation only within the safety ratings. Compliance
with the safety ratings shall be ensured by means of suitable protective circuits.
Fig. 1 - Derating Diagram
Fig. 2 - Test Pulse Diagram for Sample Test According to
DIN EN 60747-5-5/DIN EN 60747-; IEC60747
MAXIMUM SAFETY RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward current
IF
130
mA
OUTPUT
Power dissipation
Pdiss
265
mW
COUPLER
Rated impulse voltage
VIOTM
8kV
Safety temperature
Tsi
150
°C
INSULATION RATED PARAMETERS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Partial discharge test voltage -
routine test
100 %, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltage -
lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
VIOTM
8kV
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Ω
0
25
50
75
125
0
50
100
150
200
300
Tamb - Ambient Temperature (°C)
150
14887
100
250
Photodarlington
Psi (mW)
IR-Diode
Isi (mA)
t
13930
t1, t2 = 1 to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
VPd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Rise time
VCC = 2 V, IC = 10 mA, RL = 100 Ω, (see figure 3)
tr
300
µs
Fall time
VCC = 2 V, IC = 10 mA, RL = 100 Ω, (see figure 3)
tf
250
µs


Similar Part No. - TCED2100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCED2100 VISHAY-TCED2100 Datasheet
207Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 11-Jan-99
TCED2100 VISHAY-TCED2100 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2022
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2022
TCED2100 VISHAY-TCED2100_V02 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2023
More results

Similar Description - TCED2100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2022
TCED2100 VISHAY-TCED2100_V02 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2023
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
   Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
IL55B VISHAY-IL55B Datasheet
115Kb / 6P
   Optocoupler, Photodarlington Output, High Gain
Rev. 1.5, 26-Oct-04
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
01-Jan-2023
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
Rev. 1.8, 24-May-11
IL755 VISHAY-IL755 Datasheet
137Kb / 7P
   Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
Rev. 1.4, 26-Oct-04
ILD755 VISHAY-ILD755 Datasheet
142Kb / 7P
   Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
01-Jan-2022
IL755 VISHAY-IL755_V01 Datasheet
142Kb / 7P
   Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
01-Jan-2023
ILQ32 VISHAY-ILQ32_V01 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com