Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1111 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TCET1111
Description  Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1111 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TCET1111 Datasheet HTML 3Page - Vishay Siliconix TCET1111 Datasheet HTML 4Page - Vishay Siliconix TCET1111 Datasheet HTML 5Page - Vishay Siliconix TCET1111 Datasheet HTML 6Page - Vishay Siliconix TCET1111 Datasheet HTML 7Page - Vishay Siliconix TCET1111 Datasheet HTML 8Page - Vishay Siliconix TCET1111 Datasheet HTML 9Page - Vishay Siliconix TCET1111 Datasheet HTML 10Page - Vishay Siliconix TCET1111 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83546
8
Rev. 1.8, 21-Nov-07
TCET1110/TCET1110G
Vishay Semiconductors
Optocoupler, Phototransistor Output,
High Temperature, 110 °C Rated
Fig. 12 - Collector Emitter Saturation Voltage vs.
Collector Current
Fig. 13 - Current Transfer Ratio vs. Forward Current
Fig. 14 - Turn-on/off Time vs. Collector Current
Fig. 15 - Turn-on/off Time vs. Forward Current
110
0
0.2
0.4
0.6
0.8
1.0
I
C - Collector Current (mA)
100
CTR = 50 %
used
20 % used
95 11028
10 % used
0.1
1
10
1
10
100
1000
I
F - Forward Current (mA)
100
95 11029
V
CE = 5 V
04
0
2
4
6
8
10
I
C - Collector Current (mA)
8
95 11030
Non Saturated
Operation
V
S = 5 V
R
L = 100 Ω
t
off
t
on
6
2
010
15
0
10
20
30
40
50
I
F - Forward Current (mA)
20
95 11031
Saturated Operation
V
S = 5 V
R
L = 1 kΩ
t
off
t
on
5


Similar Part No. - TCET1111

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1111 VISHAY-TCET1111 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCET1111G VISHAY-TCET1111G Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results

Similar Description - TCET1111

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET111 VISHAY-TCET111_V01 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2023
VO615A VISHAY-VO615A Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Rev. 1.0, 04-Mar-08
TCET111 VISHAY-TCET111 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH1617A VISHAY-SFH1617A_V02 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2023
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
SFH1617A VISHAY-SFH1617A_V01 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH1617A VISHAY-SFH1617A_17 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
Rev. 2.1, 10-May-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com