Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX384B47-V Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BZX384B47-V
Description  Small Signal Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX384B47-V Datasheet(HTML) 4 Page - Vishay Siliconix

  BZX384B47-V Datasheet HTML 1Page - Vishay Siliconix BZX384B47-V Datasheet HTML 2Page - Vishay Siliconix BZX384B47-V Datasheet HTML 3Page - Vishay Siliconix BZX384B47-V Datasheet HTML 4Page - Vishay Siliconix BZX384B47-V Datasheet HTML 5Page - Vishay Siliconix BZX384B47-V Datasheet HTML 6Page - Vishay Siliconix BZX384B47-V Datasheet HTML 7Page - Vishay Siliconix BZX384B47-V Datasheet HTML 8Page - Vishay Siliconix BZX384B47-V Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 85764
Rev. 1.6, 17-May-06
BZX384-V-Series
Vishay Semiconductors
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Figure 1. Forward characteristics
Figure 2. Admissible Power Dissipation vs. Ambient Temperature
Figure 3. Pulse Thermal Resistance vs. Pulse Duration
18114
mA
103
102
10-1
10-2
10-3
10-4
10-5
10
1
I
F
V
F
0
0.2
0.4
0.6
0.8
1V
T
J = 100 °C
T
J = 25 °C
18192
250
200
150
100
50
0
mW
P
tot
0
100
200 °C
T
amb
18116
0.01
0.02
0.05
0.1
0.2
0.5
= 0
P
I
tp
tp
T
T
103
°C/W
7
5
4
3
2
7
5
4
3
2
7
5
4
3
2
102
10-5
10-4
10-3
10-2
10-1
110s
10
1
r
thA
tp
Figure 4. Dynamic Resistance vs. Zener Current
Figure 5. Capacitance vs. Zener Voltage
Figure 6. Dynamic Resistance vs. Zener Current
18117
1000
5
4
3
2
5
4
3
2
100
1
r
zj
0.1
25
2
5
110
I
Z
T
J = 25 °C
2.7
5
4
3
2
100
25
100 mA
3.6
4.7
5.1
5.6
18193
1000
7
5
4
3
2
7
5
4
3
2
100
10
pF
C
tot
1
23
4 5
23
4 5
10
100 V
V
Z
T
j = 25 °C
V
R = 2 V
V
R = 1 V
V
R = 2 V
V
R = 1 V
18119
100
5
4
3
2
5
4
3
2
10
r
zj
0.1
25
2
5
110
I
Z
1
25
100 mA
Ω
T
J = 25 °C
33
27
22
18
15
12
10
6.8/8.2
6.2


Similar Part No. - BZX384B47-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX384B47-V VISHAY-BZX384B47-V Datasheet
108Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
BZX384B47-V VISHAY-BZX384B47-V Datasheet
105Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
More results

Similar Description - BZX384B47-V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com