Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD-3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TD-3
Description  Filter Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TD-3 Datasheet(HTML) 2 Page - Vishay Siliconix

  TD-3 Datasheet HTML 1Page - Vishay Siliconix TD-3 Datasheet HTML 2Page - Vishay Siliconix TD-3 Datasheet HTML 3Page - Vishay Siliconix TD-3 Datasheet HTML 4Page - Vishay Siliconix TD-3 Datasheet HTML 5Page - Vishay Siliconix TD-3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TE and TD
Filter Inductors, Toroid
Vishay Dale
Document Number: 34078
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 02-Jun-06
57
DESCRIPTION
TE-3
Q0
TR
5 mH
± 1 %
EB
e2
MODEL
Q
TYPE
TC
CODE
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
PACKAGE
CODE
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
DC RESISTANCE AND SELF-RESONANT FREQUENCIES (Typical Values)
MODEL
INDUCTANCE
DCR (Ohms)
SELF-RESONANT FREQUENCY (MHz)
Q0
Q3
Q4
Q0
Q3
Q4
TE-3, TD-3
50.0 µH
0.68
-
-
7.6
-
-
TE-3, TD-3
100.0 µH
1.0
-
-
5.1
-
-
TE-3, TD-3
332.0 µH
3.3
-
-
2.9
-
-
TE-3, TD-3
1.0 mH
6.9
1.5
0.82
1.4
1.1
1.0
TE-3, TD-3
3.32 mH
24.0
4.1
2.3
0.79
0.57
0.55
TE-3, TD-3
10.0 mH
84.0
14.0
5.9
0.40
0.29
0.25
TE-3, TD-3
15.0 mH
106.0
17.0
9.1
0.34
0.24
0.21
TE-3, TD-3
33.2 mH
-
40.0
18.0
-
0.14
0.12
TE-3, TD-3
100.0 mH
-
138.0
58.0
-
0.08
0.077
TE-3, TD-3
332.0 mH
-
555.0
220.0
-
0.04
0.038
TE-3, TD-3
1.0 H
-
1500.0
670.0
-
0.021
0.019
TE-3, TD-3
4.0 H
-
-
2700.0
-
-
0.009
TE-4, TD-4
150.0 µH
0.54
-
-
2.6
-
-
TE-4, TD-4
1.0 mH
2.8
0.7
-
1.0
0.75
-
TE-4, TD-4
2.0 mH
5.5
1.4
0.78
0.64
0.54
0.45
TE-4, TD-4
10.0 mH
27.0
4.9
2.5
0.24
0.21
0.18
TE-4, TD-4
20.0 mH
54.0
9.6
5.0
0.18
0.15
0.13
TE-4, TD-4
100.0 mH
-
56.0
23.0
-
0.059
0.051
TE-4, TD-4
1.0 H
-
570.0
260.0
-
0.016
0.014
TE-4, TD-4
2.0 H
-
1200.0
520.0
-
0.013
0.011
TE-5, TD-5
1.0 mH
1.8
-
-
0.80
-
-
TE-5, TD-5
3.32 mH
5.2
-
-
0.44
-
-
TE-5, TD-5
5.0 mH
6.5
1.8
-
0.33
0.32
-
TE-5, TD-5
10.0 mH
13.0
2.4
1.7
0.21
0.20
0.15
TE-5, TD-5
33.2 mH
49.0
8.8
3.9
0.12
0.11
0.086
TE-5, TD-5
100.0 mH
133.0
27.0
11.0
0.061
0.057
0.044
TE-5, TD-5
332.0 mH
-
80.0
44.0
-
0.032
0.024
TE-5, TD-5
1.0 H
-
222.0
121.0
-
0.016
0.012
TE-5, TD-5
2.0 H
-
475.0
217.0
-
0.012
0.008
STANDARD INDUCTANCE VALUE
The following standardization chart is offered
for your design and ordering convenience.
Each value listed is within one percent of the
preceding and succeeding values shown.
All decade multiples of these values, within
the range shown for each model in the chart,
are Vishay Dale standard values.
(Example: For a TE-3, 200 µH, 20 mH and
200 mH are all decade multiples of 2.00 and
are all standard values.)
1.00
1.21
1.47
1.78
2.15
2.61
3.09
3.74
4.42
5.23
6.19
7.32
8.66
1.02
1.24
1.50
1.82
2.21
2.67
3.16
3.83
4.53
5.36
6.34
7.50
8.87
1.05
1.27
1.54
1.87
2.26
2.74
3.24
3.92
4.64
5.49
6.49
7.68
9.00
1.07
1.30
1.58
1.91
2.32
2.80
3.32
4.00
4.75
5.62
6.65
7.87
9.09
1.10
1.33
1.62
1.96
2.37
2.87
3.40
4.02
4.87
5.76
6.81
8.00
9.31
1.13
1.37
1.65
2.00
2.43
2.94
3.48
4.12
4.99
5.90
6.98
8.06
9.53
1.15
1.40
1.69
2.05
2.49
3.00
3.57
4.22
5.00
6.00
7.00
8.25
9.76
1.18
1.43
1.74
2.10
2.55
3.01
3.65
4.32
5.11
6.04
7.15
8.45
MODEL
TC CODE
INDUCTANCE
VALUE
PACKAGE
CODE
INDUCTANCE
TE3
Q TYPE
QO
TR
EB
5001
F
TOLERANCE


Similar Part No. - TD-3

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TD-30 CLARE-TD-30 Datasheet
90Kb / 5P
   MICROWAVE NOISE TUBES & NOISE SOURCES
TD-31 CLARE-TD-31 Datasheet
90Kb / 5P
   MICROWAVE NOISE TUBES & NOISE SOURCES
TD-32 CLARE-TD-32 Datasheet
90Kb / 5P
   MICROWAVE NOISE TUBES & NOISE SOURCES
TD-33 CLARE-TD-33 Datasheet
90Kb / 5P
   MICROWAVE NOISE TUBES & NOISE SOURCES
TD-34 CLARE-TD-34 Datasheet
90Kb / 5P
   MICROWAVE NOISE TUBES & NOISE SOURCES
More results

Similar Description - TD-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHM-2 VISHAY-IHM-2_06 Datasheet
236Kb / 2P
   Filter Inductors
Revision: 30-Jan-06
IHA VISHAY-IHA Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHB VISHAY-IHB Datasheet
354Kb / 5P
   Filter Inductors
Revision: 27-Feb-06
logo
Coilcraft lnc.
1812FS COILCRAFT-1812FS Datasheet
219Kb / 2P
   Filter Inductors
logo
XFMRS Inc.
XF1006DR XFMRS-XF1006DR Datasheet
35Kb / 1P
   FILTER INDUCTORS
XF0106DR XFMRS-XF0106DR Datasheet
34Kb / 1P
   FILTER INDUCTORS
logo
Vishay Siliconix
IHD VISHAY-IHD Datasheet
221Kb / 3P
   Filter Inductors
Revision: 27-Feb-06
logo
API Technologies Corp
7191-7194 APITECH-7191-7194 Datasheet
412Kb / 1P
   Filter Inductors
logo
Coilcraft lnc.
1812FS COILCRAFT-1812FS_18 Datasheet
210Kb / 2P
   Filter Inductors
logo
Vishay Siliconix
IHM-2 VISHAY-IHM-2 Datasheet
71Kb / 1P
   Filter Inductors
Revision 02-Nov-01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com