Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE-5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TE-5
Description  Filter Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TE-5 Datasheet(HTML) 1 Page - Vishay Siliconix

  TE-5 Datasheet HTML 1Page - Vishay Siliconix TE-5 Datasheet HTML 2Page - Vishay Siliconix TE-5 Datasheet HTML 3Page - Vishay Siliconix TE-5 Datasheet HTML 4Page - Vishay Siliconix TE-5 Datasheet HTML 5Page - Vishay Siliconix TE-5 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Filter Inductors
Toroid
TE and TD
Vishay Dale
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34078
56
Revision: 02-Jun-06
FEATURES
• Choice of encapsulated (TE) or dipped (TD) styles
• TD style combines low cost with excellent
performance in commercial applications
• High Q and wide selection of Q versus
frequency ranges in one small package.
Large number of standard inductance values
* Inverse of typical Temperature Coefficient of polystyrene capacitor.
ELECTRICAL SPECIFICATIONS
Tolerance:
TE-3, TD-3 = ± 1 % > 2 mH, ± 2 % 154 µH to 2 mH, ± 5 % < 150 µH
TE-4, TD-4 = ± 1 % > 2 mH, ± 2 % < 2 mH
TE-5, TD-5 = ± 1% > 2mH, ± 2% < 2mH
Insulation Resistance: 1000 Megohm minimum
Dielectric Strength: 1000 V minimum (TE)
500 V minimum (TD)
MECHANICAL SPECIFICATIONS
Terminal Strength: 2 pounds pull test (TE)
Vibration: Per MIL-T-27 (TE)
Shock: Per MIL-T-27 (TE)
Weight:
TE-3 = 5.1 grams, TD-3 = 4.9 grams typical
TE-4 = 20 grams, TD-4 = 17 grams typical
TE-5 = 53 grams, TD-5 = 52 grams typical
MATERIAL SPECIFICATIONS
Coating: Vinyl (TD), non-flammable, abrasion and moisture
resistant. Resists most cleaning agents
(Consult factory for chemicals which may be used)
Standard Terminals: Tinned copper (TE)
Stranded, tinned copper, Teflon insulated (TD)
Encapsulant: Epoxy (TE)
Gauge:
TE-3 = 22 AWG, TD-3 = 26 AWG
TE-4 = 20 AWG, TD-4 = 24 AWG
TE-5 = 20 AWG, TD-5 = 24 AWG
STANDARD ELECTRICAL SPECIFICATIONS (Applies to Core Only)
MODEL
TC
CODE
TEMPERATURE
COEFFICIENT
TEMPERATURE
RANGE
TC AVAILABILITY
TE-3
TD-3
TE-4
TD-4
TE-5
TD-5
Q0
Q3
Q4
X
X
X
TA
0 ± 1%
- 55 °C to + 125 °C
X
X
X
X
X
TD
0 ± 0.1%
0 °C to + 55 °C
X
X
X
X
X
TL*
+ 40 to + 110 ppm/°C
+ 85 to + 185 ppm/°C
- 55 °C to + 25 °C
+ 25 °C to + 85 °C
X
X
X
X
TM
0 ± 0.25 %
- 6 5°C to + 125 °C
X
X
X
X
X
TR
50 ppm/°C (Typical)
- 65 °C to + 125 °C
X
X
X
X
TW
0 ± 0.25 %
- 55 °C to + 85 °C
X
X
INDUCTANCE RANGE
TC
CODE
TE-3
TD-3
TE-4
TD-4
TE-5
TD-5
Q0
50 µH to 15 mH
150 µH to 20 mH
1 mH to 100 mH
Q3
500 µH to 1 H
1 mH to 2 H
5 mH to 2 H
Q4
1 mH to 4 H
2 mH to 5 H
10 mH to 5 H
DIMENSIONS in inches [millimeters]
TE
TD
MODEL
A
BCD
E
F
G
TE-3
0.685
0.385
1.0
0.025
0.500
0.093
0.250
[17.40]
[9.78]
[25.40] [0.635] [12.70]
[2.36]
[6.35]
TD-3
0.685
0.320
3.0
-
-
0.125
-
[17.40]
[8.13]
[76.20]
[3.18]
TE-4
1.06
0.500
1.0
0.032
0.900
0.120
0.450
[26.92] [12.70] [25.40] [0.813] [22.86]
[3.05]
[11.43]
TD-4
1.06
0.437
4.0
-
-
0.220
-
[26.92] [11.10] [101.60]
[5.59]
TE-5
1.33
0.735
1.0
0.032
1.0
0.144
0.500
[33.78] [18.67] [25.40] [0.813] [25.40]
[3.66]
[12.70]
TD-5
1.32
0.688
6.0
-
-
0.220
-
[33.53] [17.48] [152.40]
[5.59]
A Dia.
Max.
D
C
Min.
B
Max.
F Dia.
G
E
A Dia.
Max.
B
Max.
F Min.
Dia.
C Min.
0.375 ± 0.125
[9.53 ± 3.18]
RoHS
COMPLIANT


Similar Part No. - TE-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TE-5201 ETC2-TE-5201 Datasheet
282Kb / 2P
   100 MS/s Arbitrary Waveform Generator
More results

Similar Description - TE-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHM-2 VISHAY-IHM-2_06 Datasheet
236Kb / 2P
   Filter Inductors
Revision: 30-Jan-06
IHA VISHAY-IHA Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHB VISHAY-IHB Datasheet
354Kb / 5P
   Filter Inductors
Revision: 27-Feb-06
logo
Coilcraft lnc.
1812FS COILCRAFT-1812FS Datasheet
219Kb / 2P
   Filter Inductors
logo
XFMRS Inc.
XF1006DR XFMRS-XF1006DR Datasheet
35Kb / 1P
   FILTER INDUCTORS
XF0106DR XFMRS-XF0106DR Datasheet
34Kb / 1P
   FILTER INDUCTORS
logo
Vishay Siliconix
IHD VISHAY-IHD Datasheet
221Kb / 3P
   Filter Inductors
Revision: 27-Feb-06
logo
API Technologies Corp
7191-7194 APITECH-7191-7194 Datasheet
412Kb / 1P
   Filter Inductors
logo
Coilcraft lnc.
1812FS COILCRAFT-1812FS_18 Datasheet
210Kb / 2P
   Filter Inductors
logo
Vishay Siliconix
IHM-2 VISHAY-IHM-2 Datasheet
71Kb / 1P
   Filter Inductors
Revision 02-Nov-01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com