Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFBS4650-TR4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TFBS4650-TR4
Description  Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFBS4650-TR4 Datasheet(HTML) 1 Page - Vishay Siliconix

  TFBS4650-TR4 Datasheet HTML 1Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 2Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 3Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 4Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 5Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 6Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 7Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 8Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
20206
www.vishay.com
1
Document Number 84672
Rev. 1.2, 28-May-08
TFBS4650
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
Infrared Transceiver
9.6 kbit/s to 115.2 kbit/s (SIR)
Description
The TFBS4650 is one of the smallest IrDA® compliant
transceivers available. It supports data rates up to
115 kbit/s. The transceiver consists of a PIN
photodiode, infrared emitter, and control IC in a single
package.
Features
• Compliant with the IrDA physical layer
IrPHY 1.4 (low power specification,
9.6 kbit/s to 115.2 kbit/s)
• Link distance: 30 cm/20 cm full 15° cone
with
standard
or
low
power
IrDA,
respectively. Emission intensity can be set by an
external resistor to increase the range for
extended low power spec to > 50 cm
• Typical transmission distance to standard device:
50 cm
• Small package -
L 6.8 mm x W 2.8 mm x H 1.6 mm
• Low current consumption
75 µA idle at 3.6 V
• Shutdown current 10 nA typical at 25 °C
• Operates from 2.4 V to 3.6 V within specification
over full temperature range from - 25 °C to + 85 °C
• Split power supply, emitter can be driven by a
separate power supply not loading the regulated.
U.S. Pat. No. 6,157,476
• Lead (Pb)-free device
• Qualified for lead (Pb)-free and Sn/Pb processing
(MSL4)
• Device in accordance with RoHS 2002/95/EC and
WEEE 2002/96/EC
Applications
• Mobile phone
• PDAs
Parts Table
Part
Description
Qty/reel
TFBS4650-TR1
Oriented in carrier tape for side view surface mounting
1000 pcs
TFBS4650-TR3
Oriented in carrier tape for side view surface mounting
2500 pcs
TFBS4650-TR4
Oriented in carrier tape for side view surface mounting
6000 pcs
e4


Similar Part No. - TFBS4650-TR4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4650-TR4 VISHAY-TFBS4650-TR4 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
More results

Similar Description - TFBS4650-TR4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
TFBS4650 VISHAY-TFBS4650 Datasheet
227Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_14 Datasheet
190Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.4, 28-Jan-14
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com