Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFBS4652-TR3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TFBS4652-TR3
Description  Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFBS4652-TR3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TFBS4652-TR3 Datasheet HTML 3Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 4Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 5Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 6Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 7Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 8Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 9Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 10Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TFBS4652
Document Number 84671
Rev. 1.1, 03-Jul-06
Vishay Semiconductors
www.vishay.com
137
Recommended Circuit Diagram
Operated at a clean low impedance power supply the
TFBS4652 needs only one additional external com-
ponent when the IRED drive current should be mini-
mized for minimum current consumption according
the low power IrDA standard. When combined opera-
tion in IrDA and Remote Control is intended no cur-
rent limiting resistor is recommended. When long
wires are used for bench tests, the capacitors are
mandatory for testing rise/fall time correctly.
The capacitor C1 is buffering the supply voltage VCC2
and eliminates the inductance of the power supply
line. This one should be a small ceramic version or
other fast capacitor to guarantee the fast rise time of
the IRED current. The resistor R1 is necessary for
controlling the IRED drive current when the internally
controlled current is too high for the application.
Vishay transceivers integrate a sensitive receiver and
a built-in power driver. The combination of both needs
a careful circuit board layout. The use of thin, long,
resistive and inductive wiring should be avoided. The
inputs (TXD, SD) and the output RXD should be
directly (DC) coupled to the I/O circuit.
The capacitor C2 combined with the resistor R2 is the
low pass filter for smoothing the supply voltage.
As already stated above R2, C1 and C2 are optional
and depend on the quality of the supply voltages VCCx
and injected noise. An unstable power supply with
dropping voltage during transmission may reduce the
sensitivity (and transmission range) of the trans-
ceiver.
The placement of these parts is critical. It is strongly
recommended to position C2 as close as possible to
the transceiver power supply pins.
When connecting the described circuit to the power
supply, low impedance wiring should be used.
In case of extended wiring the inductance of the
power supply can cause dynamically a voltage drop
at VCC2. Often some power supplies are not apply to
follow the fast current is rise time. In that case another
10 µF cap at VCC2 will be helpful.
Keep in mind that basic RF-design rules for circuit
design should be taken into account. Especially
longer signal lines should not be used without termina-
tion. See e.g. "The Art of Electronics" Paul Horowitz,
Wienfield Hill, 1989, Cambridge University Press,
ISBN: 0521370957.
Table 2.
Recommended Application Circuit Components
Table 3.
Recommended resistor R1 [
Ω]
Figure 1. Recommended Application Circuit
IRED Anode
V
CC
Ground
V
CC2
V
CC1
GND
SD
TXD
RXD
SD
TXD
RXD
R1
R2
C1
C2
V
logic
V
logic
19289
Component
Recommended Value
C1, C2
0.1 µF, Ceramic, Vishay part#
VJ 1206 Y 104 J XXMT
R1
See table 3
R2
47
Ω, 0.125 W (V
CC1 = 3 V)
VCC2
[V]
Minimized current consumption,
IrDA Low power compliant
2.7
24
3.0
30
3.3
36


Similar Part No. - TFBS4652-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4652-TR3 VISHAY-TFBS4652-TR3 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4652-TR3 VISHAY-TFBS4652-TR3 Datasheet
190Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.4, 28-Jan-14
TFBS4652-TR3 VISHAY-TFBS4652-TR3 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
More results

Similar Description - TFBS4652-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
TFBS4650 VISHAY-TFBS4650 Datasheet
227Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_14 Datasheet
190Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.4, 28-Jan-14
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com