Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU4101 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TFDU4101
Description  Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4101 Datasheet(HTML) 1 Page - Vishay Siliconix

  TFDU4101_07 Datasheet HTML 1Page - Vishay Siliconix TFDU4101_07 Datasheet HTML 2Page - Vishay Siliconix TFDU4101_07 Datasheet HTML 3Page - Vishay Siliconix TFDU4101_07 Datasheet HTML 4Page - Vishay Siliconix TFDU4101_07 Datasheet HTML 5Page - Vishay Siliconix TFDU4101_07 Datasheet HTML 6Page - Vishay Siliconix TFDU4101_07 Datasheet HTML 7Page - Vishay Siliconix TFDU4101_07 Datasheet HTML 8Page - Vishay Siliconix TFDU4101_07 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TFDU4101
Document Number 81288
Rev. 1.2, 04-Dec-07
Vishay Semiconductors
www.vishay.com
1
20110
Infrared Transceiver Module (SIR, 115.2 kbit/s)
for IrDA® Applications
Description
The TFDU4101 transceiver is an infrared transceiver
module compliant to the latest IrDA physical layer
standard for fast infrared data communication,
supporting IrDA speeds up to 115.2 kbit/s (SIR), and
carrier based remote control modes. Integrated within
the transceiver module are a photo pin diode, an
infrared emitter (IRED), and a low-power control IC to
provide a total front-end solution in a single package.
This device covers the full IrDA range of more than
1 m using the internal intensity control. With one
external current control resistor the current can be
adjusted for shorter ranges saving operating current
operating in IrDA low power mode. This Vishay SIR
transceiver is using the lead frame technology.
The receiver output pulse duration is independent of
the optical input pulse duration and recovers always a
fixed pulse duration optimum for compatibility to
standard Endecs and interfaces. TFDU4101 has a tri-
state output and is floating in shutdown mode with a
weak pull-up.
Features
• Operates from 2.4 V to 5.5 V within
specification over full temperature range
from - 30 °C to + 85 °C
• Split power supply, transmitter and
receiver can be operated from two power
supplies with relaxed requirements saving costs,
US - Patent No. 6,157,476
• Low power consumption (< 0.12 mA supply
current in receive mode, no signal)
• Power shutdown mode (< 4 µA shutdown current
in full temperature range, up to 85 °C, < 10 nA at
25 °C)
• Surface mount 4-mm package
L 9.7 mm × W 4.7 mm × H 4.0 mm
• High efficiency emitter
• Low profile (universal) package capable of surface
mount soldering to side and top view orientation
• Directly Interfaces with various super I/O and
controller devices as e. g. TOIM4232
• Tri-state-receiver output, floating in shut down with
a weak pull-up
• Lead (Pb)-free device
• Qualified for lead (Pb)-free and Sn/Pb processing
(MSL4)
• Device in accordance with RoHS 2002/95/EC and
WEEE 2002/96EC
Applications
• Printers, fax machines, photocopiers, screen
projectors
• Internet TV boxes, video conferencing systems
• Medical data collection
• Diagnostic systems
• Notebook computers, desktop PCs, palmtop
computers (Win CE, Palm PC), PDAs
• Internet TV boxes, video conferencing systems
• External infrared adapters (dongles)
• Data loggers
•GPS
• Kiosks, POS, point and pay devices
• Industrial applications
Parts Table
Part
Description
Qty/reel
TFDU4101-TR3
Oriented in carrier tape for side view surface mounting
1000 pcs
TFDU4101-TT3
Oriented in carrier tape for top view surface mounting
1000 pcs
e3


Similar Part No. - TFDU4101_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.5, 08-Jul-09
More results

Similar Description - TFDU4101_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4101 VISHAY-TFDU4101_V01 Datasheet
438Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301_V01 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
TFDU4101 VISHAY-TFDU4101_12 Datasheet
283Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.6, 04-Jul-12
TFDU4101 VISHAY-TFDU4101_V02 Datasheet
439Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.5, 08-Jul-09
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
TFDU4301-TT1 VISHAY-TFDU4301-TT1 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com