Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZM6.2Z4MWA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HZM6.2Z4MWA
Description  Silicon Planar Zener Diode for Surge Absorb
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZM6.2Z4MWA Datasheet(HTML) 4 Page - Renesas Technology Corp

  HZM6.2Z4MWA Datasheet HTML 1Page - Renesas Technology Corp HZM6.2Z4MWA Datasheet HTML 2Page - Renesas Technology Corp HZM6.2Z4MWA Datasheet HTML 3Page - Renesas Technology Corp HZM6.2Z4MWA Datasheet HTML 4Page - Renesas Technology Corp HZM6.2Z4MWA Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HZM6.2Z4MWA
Rev.1.00, Oct 01, 2004, page 4 of 4
Package Dimensions
0.16
0 – 0.1
+ 0.10
– 0.06
3–0.4
+ 0.10
– 0.05
+ 0.3
– 0.1
(0.95) (0.95)
1.9 ± 0.2
2.8
Package Code
JEDEC
JEITA
Mass (reference value)
MPAK
Conforms
0.011 g
As of January, 2003
Unit: mm


Similar Part No. - HZM6.2Z4MWA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM6.2Z4MFA RENESAS-HZM6.2Z4MFA Datasheet
50Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
More results

Similar Description - HZM6.2Z4MWA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZD6.8Z4 RENESAS-HZD6.8Z4 Datasheet
81Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
HZL6.8Z4 RENESAS-HZL6.8Z4 Datasheet
81Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
HZM6.8MWA RENESAS-HZM6.8MWA Datasheet
157Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
logo
Hitachi Semiconductor
HZM68MFA HITACHI-HZM68MFA Datasheet
24Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
HZM68ZMFA HITACHI-HZM68ZMFA Datasheet
27Kb / 6P
   Silicon Planar Zener Diode for Surge Absorb
logo
Renesas Technology Corp
HZM6.8ZMFA RENESAS-HZM6.8ZMFA Datasheet
164Kb / 6P
   Silicon Planar Zener Diode for Surge Absorb
HZN6.8ZMFA RENESAS-HZN6.8ZMFA Datasheet
60Kb / 6P
   Silicon Planar Zener Diode for Surge Absorb
HZM6.8Z4MWA RENESAS-HZM6.8Z4MWA Datasheet
84Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
HZL6.2Z4 RENESAS-HZL6.2Z4 Datasheet
81Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
HZB6.8MWA RENESAS-HZB6.8MWA Datasheet
65Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
HZM6.2Z4MFA RENESAS-HZM6.2Z4MFA Datasheet
50Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com