Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M6227XGP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M6227XGP
Description  M6227xGP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M6227XGP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M6227XGP Datasheet HTML 1Page - Renesas Technology Corp M6227XGP Datasheet HTML 2Page - Renesas Technology Corp M6227XGP Datasheet HTML 3Page - Renesas Technology Corp M6227XGP Datasheet HTML 4Page - Renesas Technology Corp M6227XGP Datasheet HTML 5Page - Renesas Technology Corp M6227XGP Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M6227xGP
REJ03D0849-0201 Rev.2.01 Nov 14, 2007
Page 4 of 5
Application Circuit (3.3 V Output DC/DC Converter; M62270GP)
100
µF
0.1
M62270
VIN (5 V)
VOUT (3.3 V, 1 A)
100
µF
IN
VCC
CLM
GND
Collector
RCLM
1 k
1 k
47
µH
2
1
3
4
5
+
+
Figure 1 Example of Application Circuit of M62270GP
• Current limit detection:
When the voltage drop between 4-pin and 5-pin becomes 150 mV or more, current limit detection circuit starts to
operate. In the example of application (Figure 1), the current is limited to 1.5 A.
The Expression of Circuit Constants
Constants
Expressions
(TON + TOFF) / (
)
TON
TOFF
1
+
(VIN − VCE (sat) − VO) × TON (MAX)
∆l
O
VO + VF
VIN − VCE (sat) − VO
− T
OFF
1
fOSC
(TON + TOFF) MAX
TOFF (MIN)
TON (MAX)
lpk
L (MIN)
RCLM
TON
TOFF
lO +
∆l
O
1
2
∆V
CLM: 150 mV (VCC = 5 V)
0.15
Ipk
1
fOSC
fOSC: 110 kHz (VCC = 5 V)
Note:
VF:
Forward voltage drop of an external diode.
Vsat: Output saturation voltage of an external switching transistor.
∆IO: Set to 1/3 to 1/5 of maximum output current.
Choose an external transistor, diode and inductor with peak current rating greater than "Ipk".


Similar Part No. - M6227XGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M6227XGP MITSUBISHI-M6227XGP Datasheet
17Kb / 3P
   5-PIN SOT-23 3V SYSTEM FIXED OUTPUT VOLTAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com