Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0805Q101JXBAP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJ0805Q101JXBAP
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0805Q101JXBAP Datasheet(HTML) 3 Page - Vishay Siliconix

  VJ0805Q101JXBAP Datasheet HTML 1Page - Vishay Siliconix VJ0805Q101JXBAP Datasheet HTML 2Page - Vishay Siliconix VJ0805Q101JXBAP Datasheet HTML 3Page - Vishay Siliconix VJ0805Q101JXBAP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45050
50
Revision: 20-Feb-08
VJ High Q Dielectric
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors
for High Frequency Applications
HIGH Q DIELECTRIC - TYPICAL PARAMETERS
- 75
- 50 - 25
0
25
50
75
100 125
1.5
1.0
0.5
0.0
- 0.5
- 1.0
- 1.5
- 2.0
2.0
TEMPERATURE COEFFICIENT OF CAPACITANCE
TEMPERATURE °C
HIGH Q
1100
10
1
10
1000
0.1
0805
0603
SERIES RESONANT FREQUENCY - HIGH Q
CAPACITANCE (pF)
100
1000
1
10
100
10 000
1000
10 pF
100 pF
FREQUENCY (MHz)
Q VS. FREQUENCY - VJ0805, 50 V
100
1000
1
0.1
0.01
10 pF
100 pF
ESR VS. FREQUENCY - VJ0805, 50 V
FREQUENCY (MHz)


Similar Part No. - VJ0805Q101JXBAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805Q102CFAAT VISHAY-VJ0805Q102CFAAT Datasheet
243Kb / 3P
   Multilayer Ceramic Chip Capacitors
Revision 06-Apr-01
VJ0805Q102CFBAT VISHAY-VJ0805Q102CFBAT Datasheet
243Kb / 3P
   Multilayer Ceramic Chip Capacitors
Revision 06-Apr-01
VJ0805Q102CFCAT VISHAY-VJ0805Q102CFCAT Datasheet
243Kb / 3P
   Multilayer Ceramic Chip Capacitors
Revision 06-Apr-01
VJ0805Q102CXAAT VISHAY-VJ0805Q102CXAAT Datasheet
243Kb / 3P
   Multilayer Ceramic Chip Capacitors
Revision 06-Apr-01
VJ0805Q102CXBAT VISHAY-VJ0805Q102CXBAT Datasheet
243Kb / 3P
   Multilayer Ceramic Chip Capacitors
Revision 06-Apr-01
More results

Similar Description - VJ0805Q101JXBAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA31M VISHAY-GA31M Datasheet
205Kb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive High Frequency Applications
01-Jan-2023
VJ0603D471KXXAJ VISHAY-VJ0603D471KXXAJ Datasheet
133Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
Revision: 19-Aug-14
VJHIFREQ VISHAY-VJHIFREQ_V01 Datasheet
263Kb / 25P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
01-Jan-2023
VJ0603 VISHAY-VJ0603_12 Datasheet
121Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
Revision: 06-Jun-12
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com