Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0805Q1R8FXCAP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ0805Q1R8FXCAP
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0805Q1R8FXCAP Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ0805Q1R8FXCAP Datasheet HTML 1Page - Vishay Siliconix VJ0805Q1R8FXCAP Datasheet HTML 2Page - Vishay Siliconix VJ0805Q1R8FXCAP Datasheet HTML 3Page - Vishay Siliconix VJ0805Q1R8FXCAP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Multilayer Ceramic Chip Capacitors
for High Frequency Applications
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45050
48
Revision 20-Feb-08
VJ High Q Dielectric
Vishay Vitramon
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 °C unless otherwise specified
Operating Temperature: - 55 °C to + 125 °C
Voltage Range: 50 Vdc to 200 Vdc
Capacitance Range: 1.0 pF to 220 pF
Temperature Coefficient of Capacitance (TCC):
0 ± 30 ppm/°C from - 55 °C to + 125 °C
Dissipation Factor (DF):
0.1 % maximum at 1.0 Vrms and 1 kHz for values > 1000 pF
0.1 % maximum at 1.0 Vrms and 1 MHz for values ≤ 1000 pF
Aging Rate: 0 % maximum per decade
FEATURES
• C0G is an ultra-stable dielectric offering a
Temperature Coefficient of Capacitance (TCC) of
0 ± 30 ppm/°C over the entire temperature range
• Low Dissipation Factor (DF)
• Surface mount, precious metal technology,
wet build process
APPLICATIONS
• Ideal for critical timing applications
• Ideal for tuning applications
Insulation Resistance (IR):
At + 25 °C and rated voltage 100 000 M
Ω minimum or,
1000
ΩF whichever is less.
At + 125 °C and rated voltage 10 000 M
Ω minimum or
100
ΩF, whichever is less.
Dielectric Withstanding Voltage (DWV):
This is the maximum voltage the capacitors are tested for a
1 to 5 second period and the charge/discharge current does
not exceed 50 mA
≤ 200 Vdc: DWV at 250 % of rated voltage
DIMENSIONS in inches [millimeters]
EIA STYLE
PART
ORDERING
NUMBER
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS
(T)
TERMINATION (P)
MINIMUM
MAXIMUM
0603
VJ0603
0.063 ± 0.005
[1.60 ± 0.12]
0.031 ± 0.005
[0.80 ± 0.12]
0.036
[0.92]
0.012
[0.30]
0.018
[0.46]
0805
VJ0805
0.079 ± 0.008
[2.00 ± 0.20]
0.049 ± 0.008
[1.25 ± 0.20]
0.057
[1.45]
0.010
[0.25]
0.028
[0.71]
L
W
T
MAX.
P
RoHS
COMPLIANT


Similar Part No. - VJ0805Q1R8FXCAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805Q1R8FXCAT VISHAY-VJ0805Q1R8FXCAT Datasheet
243Kb / 3P
   Multilayer Ceramic Chip Capacitors
Revision 06-Apr-01
More results

Similar Description - VJ0805Q1R8FXCAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA31M VISHAY-GA31M Datasheet
205Kb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive High Frequency Applications
01-Jan-2023
VJ0603D471KXXAJ VISHAY-VJ0603D471KXXAJ Datasheet
133Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
Revision: 19-Aug-14
VJHIFREQ VISHAY-VJHIFREQ_V01 Datasheet
263Kb / 25P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
01-Jan-2023
VJ0603 VISHAY-VJ0603_12 Datasheet
121Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
Revision: 06-Jun-12
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com