Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZU7C2L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HZU7C2L
Description  Silicon Planar Zener Diode for Low Noise Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU7C2L Datasheet(HTML) 1 Page - Renesas Technology Corp

  HZU7C2L Datasheet HTML 1Page - Renesas Technology Corp HZU7C2L Datasheet HTML 2Page - Renesas Technology Corp HZU7C2L Datasheet HTML 3Page - Renesas Technology Corp HZU7C2L Datasheet HTML 4Page - Renesas Technology Corp HZU7C2L Datasheet HTML 5Page - Renesas Technology Corp HZU7C2L Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REJ03G0043-0400 Rev.4.00 Oct 29, 2007
Page 1 of 5
HZU-L Series
Silicon Planar Zener Diode for Low Noise Application
REJ03G0043-0400
Rev.4.00
Oct.29.2007
Features
• Diode noise level of this series is approximately 1/3-1/10 lower than the HZ series.
• Low leakage and low zener impedance.
• Wide spectrum from 5.2 V through 14.3 V of zener voltage provide flexible application.
• Ultra small Resin Package (URP) is suitable for surface mount design.
Ordering Information
Part No.
Laser Mark
Package Name
Package Code
HZU-L Series
Let to Mark Code
URP
PTSP0002ZA-A
Pin Arrangement
Cathode mark
Mark
12
061
1. Cathode
2. Anode


Similar Part No. - HZU7C2L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZU7.5 RENESAS-HZU7.5 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU7.5G RENESAS-HZU7.5G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
More results

Similar Description - HZU7C2L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZS-L RENESAS-HZS-L Datasheet
74Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Low Noise Application
HZ12C3L RENESAS-HZ12C3L Datasheet
52Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Low Noise Application
Rev.2.00 Mar.11.2004
HZS-LL RENESAS-HZS-LL Datasheet
67Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
Rev.2.00 Jan.06.2004
HZU3ALLTRF-E RENESAS-HZU3ALLTRF-E Datasheet
183Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZU-LL RENESAS-HZU-LL Datasheet
87Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZ-LL RENESAS-HZ-LL Datasheet
49Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Hitachi Semiconductor
HZ-LL HITACHI-HZ-LL Datasheet
20Kb / 4P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
   Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
SEMTECH ELECTRONICS LTD...
1N4099 SEMTECH_ELEC-1N4099 Datasheet
212Kb / 3P
   SILICON PLANAR LOW NOISE ZENER DIODES
logo
Renesas Technology Corp
HZU2.0BTRF-E RENESAS-HZU2.0BTRF-E Datasheet
103Kb / 10P
   Silicon Planar Zener Diode for Stabilizer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com