Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS385-TR3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAS385-TR3
Description  Small Signal Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS385-TR3 Datasheet(HTML) 3 Page - Vishay Siliconix

  BAS385-TR3 Datasheet HTML 1Page - Vishay Siliconix BAS385-TR3 Datasheet HTML 2Page - Vishay Siliconix BAS385-TR3 Datasheet HTML 3Page - Vishay Siliconix BAS385-TR3 Datasheet HTML 4Page - Vishay Siliconix BAS385-TR3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS385
Document Number 85504
Rev. 1.9, 07-Mar-06
Vishay Semiconductors
www.vishay.com
3
Package Dimensions in mm (Inches)
Figure 5. Board for RthJA definition (in mm)
25
2.5
10
0.71
1.3
1.27
9.9
24
0.152
0.355
95 10329
ISO Method E
9612072
2.8 (0.110)
0.9 (0.035)
0.9 (0.035)
Reflow Soldering
Wave Soldering
1.0 (0.039)
Cathode indification
1 (0.039) surface plan
2.0 (0.079)
1.8 (0.071)
0.25 (0.010)
0.15 (0.006)
Glass case
MicroMELF
> R 2.5 (R 0.098)
Glass
Document No.: 6.560-5007.01-4
Rev. 11, 07.Feb.2005
2.4 (0.094)
0.8 (0.031)
0.8 (0.031)
0.8 (0.031)


Similar Part No. - BAS385-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS385 VISHAY-BAS385 Datasheet
50Kb / 4P
   Schottky Barrier Diode
Rev. 3, 01-Apr-99
BAS385 VISHAY-BAS385 Datasheet
166Kb / 5P
   Small Signal Schottky Diode
Rev. 2.0, 09-Jun-10
BAS385 VISHAY-BAS385 Datasheet
152Kb / 4P
   Small Signal Schottky Diode
Rev. 2.0, 09-Jun-10
BAS385 VISHAY-BAS385 Datasheet
88Kb / 4P
   Small Signal Schottky Diode
01-Jan-2022
BAS385 VISHAY-BAS385_10 Datasheet
166Kb / 5P
   Small Signal Schottky Diode
Rev. 2.0, 09-Jun-10
More results

Similar Description - BAS385-TR3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com