Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52757FP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M52757FP
Description  Wide Band Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52757FP Datasheet(HTML) 6 Page - Renesas Technology Corp

  M52757FP Datasheet HTML 1Page - Renesas Technology Corp M52757FP Datasheet HTML 2Page - Renesas Technology Corp M52757FP Datasheet HTML 3Page - Renesas Technology Corp M52757FP Datasheet HTML 4Page - Renesas Technology Corp M52757FP Datasheet HTML 5Page - Renesas Technology Corp M52757FP Datasheet HTML 6Page - Renesas Technology Corp M52757FP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
M52757FP
REJ03F0195-0201 Rev.2.01 Mar 31, 2008
Page 6 of 6
Package Dimensions
bp
A1
HE
y
0.10
e
0.8
c
L
0.3
0.5
0.7
0
0.1
0.2
A
2.35
11.63 11.93 12.23
A2
2.05
E
8.2
8.4
8.6
D
14.8
15.0
15.2
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.3
0.35
0.45
0.18
0.2
0.25
P-SSOP36-8.4x15-0.80
0.5g
MASS[Typ.]
36P2R-D
PRSP0036GA-B
RENESAS Code
JEITA Package Code
Previous Code
0.65
0.95
2.
1. DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
y
Index mark
1
18
19
36
F
*2
*3
D
e
bp
c
Detail F
A2
A1


Similar Part No. - M52757FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52757FP MITSUBISHI-M52757FP Datasheet
229Kb / 5P
   WIDE BAND ANALOG SWITCH
More results

Similar Description - M52757FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52758SP MITSUBISHI-M52758SP Datasheet
178Kb / 10P
   WIDE BAND ANALOG SWITCH
M52755FP MITSUBISHI-M52755FP Datasheet
69Kb / 9P
   WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M52758SP RENESAS-M52758SP Datasheet
156Kb / 17P
   Wide Band Analog Switch
Mar 31, 2008
logo
Mitsubishi Electric Sem...
M52757FP MITSUBISHI-M52757FP Datasheet
229Kb / 5P
   WIDE BAND ANALOG SWITCH
M52756SP MITSUBISHI-M52756SP Datasheet
585Kb / 19P
   WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M61323SP RENESAS-M61323SP Datasheet
295Kb / 20P
   Wide Frequency Band Analog Switch
logo
Mitsubishi Electric Sem...
M52348FP MITSUBISHI-M52348FP Datasheet
85Kb / 11P
   WIDE FREQUENCY BAND ANALOG SWITCH
M52348SP MITSUBISHI-M52348SP Datasheet
67Kb / 10P
   WIDE FREQUENCY BAND ANALOG SWITCH
logo
Renesas Technology Corp
M61324SP RENESAS-M61324SP Datasheet
4Mb / 16P
   WIDE FREQUENCY BAND ANALOG SWITCH
logo
Mitsubishi Electric Sem...
M61323SP MITSUBISHI-M61323SP Datasheet
130Kb / 15P
   WIDE FREQUENCY BAND ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com