Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMK3202 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLMK3202
Description  Power SMD LED PLCC-4
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMK3202 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLMK3202 Datasheet HTML 1Page - Vishay Siliconix TLMK3202 Datasheet HTML 2Page - Vishay Siliconix TLMK3202 Datasheet HTML 3Page - Vishay Siliconix TLMK3202 Datasheet HTML 4Page - Vishay Siliconix TLMK3202 Datasheet HTML 5Page - Vishay Siliconix TLMK3202 Datasheet HTML 6Page - Vishay Siliconix TLMK3202 Datasheet HTML 7Page - Vishay Siliconix TLMK3202 Datasheet HTML 8Page - Vishay Siliconix TLMK3202 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number 83146
Rev. 1.5, 24-Sep-07
www.vishay.com
5
Vishay Semiconductors
TLMK/O/S/Y320.
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
Figure 4. Relative Intensity vs. Wavelength
Figure 5. Change of Forward Voltage vs. Ambient Temperature
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
570
590
610
630
650
670
λ - Wavelength (nm)
16007
red
- 200
- 150
- 100
- 50
0
50
100
150
200
250
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
17034
10 mA
30 mA
50 mA
red
Figure 6. Relative Luminous Intensity vs. Amb. Temperature
Figure 7. Change of Dominant Wavelength vs.
Ambient Temperature
Figure 8. Relative Luminous Intensity vs. Forward Current
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
17035
red
- 6
- 4
- 2
0
2
4
6
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
17036
red
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
17037
red


Similar Part No. - TLMK3202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMK3210 VISHAY-TLMK3210 Datasheet
292Kb / 11P
   Power SMD LED in PLCC-3 Package
Rev. 1.1, 15-Mar-05
TLMK32T2AA-GS18 VISHAY-TLMK32T2AA-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
TLMK32T2V1-GS18 VISHAY-TLMK32T2V1-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
TLMK32U2AA-GS18 VISHAY-TLMK32U2AA-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
More results

Similar Description - TLMK3202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW32T2V1-5K8L-08 VISHAY-VLMW32T2V1-5K8L-08 Datasheet
293Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.1, 20-Jul-07
VLMR32 VISHAY-VLMR32 Datasheet
217Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 16-May-13
VLMW321ABBB5K8L-08 VISHAY-VLMW321ABBB5K8L-08 Datasheet
910Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 25-Apr-13
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
317Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Jul-08
VLMPG32 VISHAY-VLMPG32 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMS322T2V1-GS08 TO-GRACE-VLMS322T2V1-GS08 Datasheet
1Mb / 12P
   Power SMD LED PLCC-4
VLMPG32P1Q1-GS08 TO-GRACE-VLMPG32P1Q1-GS08 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
logo
Vishay Siliconix
VLMK322U1V2-GS08 VISHAY-VLMK322U1V2-GS08 Datasheet
239Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.3, 16-May-13
VLMK32ABBB-GS08 VISHAY-VLMK32ABBB-GS08 Datasheet
232Kb / 11P
   Power SMD LED PLCC-4
Rev. 1.0, 25-Feb-08
VLMPG32P1Q1-GS08 VISHAY-VLMPG32P1Q1-GS08 Datasheet
221Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.0, 05-May-08
TLMK32T2V1-GS18 VISHAY-TLMK32T2V1-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com