Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMO32T2V1-GS18 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TLMO32T2V1-GS18
Description  Power SMD LED PLCC-4
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMO32T2V1-GS18 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TLMO32T2V1-GS18 Datasheet HTML 5Page - Vishay Siliconix TLMO32T2V1-GS18 Datasheet HTML 6Page - Vishay Siliconix TLMO32T2V1-GS18 Datasheet HTML 7Page - Vishay Siliconix TLMO32T2V1-GS18 Datasheet HTML 8Page - Vishay Siliconix TLMO32T2V1-GS18 Datasheet HTML 9Page - Vishay Siliconix TLMO32T2V1-GS18 Datasheet HTML 10Page - Vishay Siliconix TLMO32T2V1-GS18 Datasheet HTML 11Page - Vishay Siliconix TLMO32T2V1-GS18 Datasheet HTML 12Page - Vishay Siliconix TLMO32T2V1-GS18 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Document Number 81284
Rev. 1.0, 22-Feb-08
www.vishay.com
9
Vishay Semiconductors
TLM.32.
TAPING DIMENSIONS in millimeters
REEL DIMENSIONS in millimeters
0.25
2.2
2.0
1.85
1.65
4.1
3.9
2.05
1.95
3.5
3.1
4.1
3.9
1.6
1.4
8.3
7.7
5.75
5.25
3.6
3.4
4.0
3.6
18596
Cathode
Anode
Cathode
321
329
Identification
4.5
3.5
2.5
1.5
13.00
12.75
62.5
60.0
14.4 max.
10.4
8.4
120°
18857
Label:
Vishay
Type
Group
Tape Code
Production
Code
Quantity


Similar Part No. - TLMO32T2V1-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMO3200 VISHAY-TLMO3200 Datasheet
258Kb / 14P
   Power SMD LED PLCC-4
Rev. 1.5, 24-Sep-07
TLMO3201 VISHAY-TLMO3201 Datasheet
258Kb / 14P
   Power SMD LED PLCC-4
Rev. 1.5, 24-Sep-07
TLMO3202 VISHAY-TLMO3202 Datasheet
258Kb / 14P
   Power SMD LED PLCC-4
Rev. 1.5, 24-Sep-07
TLMO3203 VISHAY-TLMO3203 Datasheet
258Kb / 14P
   Power SMD LED PLCC-4
Rev. 1.5, 24-Sep-07
More results

Similar Description - TLMO32T2V1-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW32T2V1-5K8L-08 VISHAY-VLMW32T2V1-5K8L-08 Datasheet
293Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.1, 20-Jul-07
VLMR32 VISHAY-VLMR32 Datasheet
217Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 16-May-13
VLMW321ABBB5K8L-08 VISHAY-VLMW321ABBB5K8L-08 Datasheet
910Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 25-Apr-13
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
317Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Jul-08
VLMPG32 VISHAY-VLMPG32 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMS322T2V1-GS08 TO-GRACE-VLMS322T2V1-GS08 Datasheet
1Mb / 12P
   Power SMD LED PLCC-4
VLMPG32P1Q1-GS08 TO-GRACE-VLMPG32P1Q1-GS08 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
logo
Vishay Siliconix
VLMK322U1V2-GS08 VISHAY-VLMK322U1V2-GS08 Datasheet
239Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.3, 16-May-13
VLMK32ABBB-GS08 VISHAY-VLMK32ABBB-GS08 Datasheet
232Kb / 11P
   Power SMD LED PLCC-4
Rev. 1.0, 25-Feb-08
VLMPG32P1Q1-GS08 VISHAY-VLMPG32P1Q1-GS08 Datasheet
221Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.0, 05-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com