Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA60FA120P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HFA60FA120P
Description  HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA60FA120P Datasheet(HTML) 1 Page - Vishay Siliconix

  HFA60FA120P Datasheet HTML 1Page - Vishay Siliconix HFA60FA120P Datasheet HTML 2Page - Vishay Siliconix HFA60FA120P Datasheet HTML 3Page - Vishay Siliconix HFA60FA120P Datasheet HTML 4Page - Vishay Siliconix HFA60FA120P Datasheet HTML 5Page - Vishay Siliconix HFA60FA120P Datasheet HTML 6Page - Vishay Siliconix HFA60FA120P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94609
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 16-Oct-08
1
HEXFRED®
Ultrafast Soft Recovery Diode, 60 A
HFA60FA120P
Vishay High Power Products
FEATURES
• Fast recovery time characteristic
• Electrically isolated base plate
• Large creepage distance between terminal
• Simplified mechanical designs, rapid assembly
• UL pending
• Totally lead (Pb)-free
• Designed and qualified for industrial level
DESCRIPTION/APPLICATIONS
The dual diode series configuration (HFA60FA120P) is used
for output rectification or freewheeling/clamping operation
and high voltage application.
The semiconductor in the SOT-227 package is isolated from
the copper base plate, allowing for common heatsinks and
compact assemblies to be built.
These modules are intended for general applications such as
HV power supplies, electronic welders, motor control and
inverters.
PRODUCT SUMMARY
VR
1200 V
VF (typical)
2.2 V
trr (typical)
123 ns
IF(DC) at TC
30 A at 110 °C
SOT-227
1
4
2
3
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Cathode to anode voltage
VR
1200
V
Continuous forward current
IF
TC = 110 °C
30
A
Single pulse forward current
IFSM
TJ = 25 °C
350
Maximum repetitive forward current
IFRM
Rated VR, square wave, 20 kHz, TC = 60 °C
110
Maximum power dissipation
PD
TC = 25 °C
216
W
TC = 100 °C
86
RMS isolation voltage
VISOL
Any terminal to case, t = 1 minute
2500
V
Operating junction and storage
temperature range
TJ, TStg
- 55 to + 150
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Cathode to anode
breakdown voltage
VBR
IR = 100 µA
1200
-
-
V
Forward voltage
VFM
IF = 30 A
-
2.2
3.0
IF = 60 A
-
2.7
3.8
IF = 60 A, TJ = 150 °C
-
3.4
-
Reverse leakage current
IRM
VR = VR rated
-
1.0
75
µA
TJ = 150 °C, VR = VR rated
-
2.7
10
mA


Similar Part No. - HFA60FA120P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA60FA120P VISHAY-HFA60FA120P Datasheet
128Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 22-Jul-10
HFA60FA120P VISHAY-HFA60FA120P Datasheet
112Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 60 A
02-Oct-12
HFA60FA120P VISHAY-HFA60FA120P_10 Datasheet
128Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 22-Jul-10
HFA60FA120P VISHAY-HFA60FA120P_V01 Datasheet
112Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 60 A
02-Oct-12
More results

Similar Description - HFA60FA120P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA120FA60P VISHAY-VS-HFA120FA60P Datasheet
879Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 22-Jul-13
HFA60EA120P VISHAY-HFA60EA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 17-Oct-08
HFA120FA60P VISHAY-HFA120FA60P Datasheet
164Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 04-Aug-08
HFA60EA120P VISHAY-HFA60EA120P_10 Datasheet
128Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 06-Aug-10
HFA60FA120P VISHAY-HFA60FA120P_10 Datasheet
128Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 22-Jul-10
VS-HFA135NH40PBF VISHAY-VS-HFA135NH40PBF_V02 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 275 A
01-Jan-2023
VS-HFA140NJ60CPBF VISHAY-VS-HFA140NJ60CPBF_V02 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 167 A
01-Jan-2023
HFA120FA120P VISHAY-HFA120FA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 120 A
Revision: 16-Oct-08
VS-HFA70FA120 VISHAY-VS-HFA70FA120 Datasheet
148Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 70 A
Revision: 17-Oct-16
VS-HFA220FA120 VISHAY-VS-HFA220FA120 Datasheet
141Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 220 A
Revision: 17-Oct-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com