Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA90NH40PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HFA90NH40PBF
Description  HEXFRED® Ultrafast Soft Recovery Diode, 210 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA90NH40PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  HFA90NH40PBF Datasheet HTML 1Page - Vishay Siliconix HFA90NH40PBF Datasheet HTML 2Page - Vishay Siliconix HFA90NH40PBF Datasheet HTML 3Page - Vishay Siliconix HFA90NH40PBF Datasheet HTML 4Page - Vishay Siliconix HFA90NH40PBF Datasheet HTML 5Page - Vishay Siliconix HFA90NH40PBF Datasheet HTML 6Page - Vishay Siliconix HFA90NH40PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94044
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 01-Aug-08
1
HEXFRED®
Ultrafast Soft Recovery Diode, 210 A
HFA90NH40PbF
Vishay High Power Products
FEATURES
• Very low Qrr and trr
• Lead (Pb)-free
• Designed and qualified for industrial level
BENEFITS
• Reduced RFI and EMI
• Reduced snubbing
DESCRIPTION
HEXFRED® diodes are optimized to reduce losses and
EMI/RFI in high frequency power conditioning systems. An
extensive characterization of the recovery behavior for
different values of current, temperature and dI/dt simplifies
the calculations of losses in the operating conditions. The
softness of the recovery eliminates the need for a snubber in
most applications. These devices are ideally suited for
power converters, motors drives and other applications
where switching losses are significant portion of the total
losses.
PRODUCT SUMMARY
IF (maximum)
210 A
VR
400 V
IF(DC) at TC
106 A at 100 °C
HALF-PAK (D-67)
Lug terminal
anode
Base
cathode
RoHS
COMPLIANT
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Cathode to anode voltage
VR
400
V
Continuous forward current
IF
TC = 25 °C
210
A
TC = 100 °C
106
Single pulse forward current
IFSM
Limited by junction temperature
600
Non-repetitive avalanche energy
EAS
L = 100 µH, duty cycle limited by maximum TJ
1.4
mJ
Maximum power dissipation
PD
TC = 25 °C
329
W
TC = 100 °C
132
Operating junction and storage
temperature range
TJ, TStg
- 55 to + 150
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Cathode to anode
breakdown voltage
VBR
IR = 100 µA
400
-
-
V
Maximum forward voltage
VFM
IF = 90 A
See fig. 1
-
1.06
1.45
IF = 180 A
-
1.2
1.67
IF = 90 A, TJ = 125 °C
-
0.96
1.23
Maximum reverse
leakage current
IRM
TJ = 125 °C, VR = 400 V
See fig. 2
-
0.6
2
mA
Junction capacitance
CT
VR = 200 V
See fig. 3
-
180
260
pF
Series inductance
LS
From top of terminal hole to mounting plane
-
7.0
-
nH


Similar Part No. - HFA90NH40PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA90NH40 IRF-HFA90NH40 Datasheet
327Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA90NH40R IRF-HFA90NH40R Datasheet
322Kb / 5P
   ultrafast, soft recovery diode
More results

Similar Description - HFA90NH40PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA90NH40PBF VISHAY-VS-HFA90NH40PBF_V02 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 210 A
01-Jan-2023
HFA210NJ60CPBF VISHAY-HFA210NJ60CPBF Datasheet
143Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 210 A
Revision: 01-Aug-08
VS-HFA210NJ60CPBF VISHAY-VS-HFA210NJ60CPBF Datasheet
173Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 210 A
Revision: 28-Oct-16
VS-HFA210NJ60CPBF VISHAY-VS-HFA210NJ60CPBF_V02 Datasheet
170Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 210 A
01-Jan-2023
VS-HFA135NH40PBF VISHAY-VS-HFA135NH40PBF_V02 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 275 A
01-Jan-2023
VS-HFA140NJ60CPBF VISHAY-VS-HFA140NJ60CPBF_V02 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 167 A
01-Jan-2023
HFA120FA120P VISHAY-HFA120FA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 120 A
Revision: 16-Oct-08
VS-HFA70FA120 VISHAY-VS-HFA70FA120 Datasheet
148Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 70 A
Revision: 17-Oct-16
VS-HFA220FA120 VISHAY-VS-HFA220FA120 Datasheet
141Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 220 A
Revision: 17-Oct-16
VS-HFA280NJ60CPBF VISHAY-VS-HFA280NJ60CPBF Datasheet
180Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 280 A
Revision: 25-Oct-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com