Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA90NH40PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # HFA90NH40PBF
Description  HEXFRED® Ultrafast Soft Recovery Diode, 210 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA90NH40PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  HFA90NH40PBF Datasheet HTML 1Page - Vishay Siliconix HFA90NH40PBF Datasheet HTML 2Page - Vishay Siliconix HFA90NH40PBF Datasheet HTML 3Page - Vishay Siliconix HFA90NH40PBF Datasheet HTML 4Page - Vishay Siliconix HFA90NH40PBF Datasheet HTML 5Page - Vishay Siliconix HFA90NH40PBF Datasheet HTML 6Page - Vishay Siliconix HFA90NH40PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94044
4
Revision: 01-Aug-08
HFA90NH40PbF
Vishay High Power Products
HEXFRED®
Ultrafast Soft Recovery Diode, 210 A
Fig. 5 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 6- Typical Recovery Current vs. dIF/dt
Fig. 7 - Typical Stored Charge vs. dIF/dt
Fig. 8 - Typical dI(rec)M/dt vs. dIF/dt
dIF/ dt (A/μs)
100
1000
40
80
120
160
200
240
200A, 125°C
40A, 25°C
90A, 25°C
200A, 25°C
90A, 125°C
40A, 125°C
dIF/ dt (A/μs)
100
1000
1
10
100
200A, 125°C
40A, 25°C
90A, 25°C
200A, 25°C
90A, 125°C
40A, 125°C
dIF/ dt (A/μs)
100
1000
0
500
1000
1500
2000
2500
3000
3500
4000
4500
200A, 125°C
40A, 25°C
90A, 25°C
200A, 25°C
90A, 125°C
40A, 125°C
dIF/ dt (A/μs)
100
1000
100
1000
10000
200A, 25°C
40A, 125°C
90A, 125°C
200A, 125°C
90A, 25°C
40A, 25°C


Similar Part No. - HFA90NH40PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA90NH40 IRF-HFA90NH40 Datasheet
327Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA90NH40R IRF-HFA90NH40R Datasheet
322Kb / 5P
   ultrafast, soft recovery diode
More results

Similar Description - HFA90NH40PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA90NH40PBF VISHAY-VS-HFA90NH40PBF_V02 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 210 A
01-Jan-2023
HFA210NJ60CPBF VISHAY-HFA210NJ60CPBF Datasheet
143Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 210 A
Revision: 01-Aug-08
VS-HFA210NJ60CPBF VISHAY-VS-HFA210NJ60CPBF Datasheet
173Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 210 A
Revision: 28-Oct-16
VS-HFA210NJ60CPBF VISHAY-VS-HFA210NJ60CPBF_V02 Datasheet
170Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 210 A
01-Jan-2023
VS-HFA135NH40PBF VISHAY-VS-HFA135NH40PBF_V02 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 275 A
01-Jan-2023
VS-HFA140NJ60CPBF VISHAY-VS-HFA140NJ60CPBF_V02 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 167 A
01-Jan-2023
HFA120FA120P VISHAY-HFA120FA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 120 A
Revision: 16-Oct-08
VS-HFA70FA120 VISHAY-VS-HFA70FA120 Datasheet
148Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 70 A
Revision: 17-Oct-16
VS-HFA220FA120 VISHAY-VS-HFA220FA120 Datasheet
141Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 220 A
Revision: 17-Oct-16
VS-HFA280NJ60CPBF VISHAY-VS-HFA280NJ60CPBF Datasheet
180Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 280 A
Revision: 25-Oct-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com