Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSMF3710 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSMF3710
Description  High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMF3710 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSMF3710_08 Datasheet HTML 1Page - Vishay Siliconix VSMF3710_08 Datasheet HTML 2Page - Vishay Siliconix VSMF3710_08 Datasheet HTML 3Page - Vishay Siliconix VSMF3710_08 Datasheet HTML 4Page - Vishay Siliconix VSMF3710_08 Datasheet HTML 5Page - Vishay Siliconix VSMF3710_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 81241
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.6, 31-Jul-08
293
VSMF3710
High Speed Infrared Emitting Diode, RoHS
Compliant, 890 nm, GaAlAs Double Hetero
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
Note
Tamb = 25 °C, unless otherwise specified
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
acc. figure 8, J-STD-020
Tsd
260
°C
Thermal resistance junction/ambient
J-STD-051, soldered on PCB
RthJA
250
K/W
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
0
20
40
60
80
100
120
140
160
180
010
20
30
40
50
60
70
80
90
100
21343
T
amb - Ambient Temperature (°C)
R
thJA = 250 K/W
0
20
40
60
80
100
120
0
10
203040
506070
80
90 100
21344
R
thJA = 250 K/W
T
amb - Ambient Temperature (°C)
BASIC CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp = 20 ms
VF
1.4
1.6
V
IF = 1 A, tp = 100 µs
VF
2.3
V
Temperature coefficient of VF
IF = 1 mA
TKVF
- 1.8
mV/K
Reverse current
VR = 5 V
IR
10
µA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
125
pF
Radiant intensity
IF = 100 mA, tp = 20 ms
Ie
610
22
mW/sr
IF = 1 A, tp = 100 µs
Ie
100
mW/sr
Radiant power
IF = 100 mA, tp = 20 ms
φ
e
40
mW
Temperature coefficient of
φ
e
IF = 100 mA
TK
φ
e
- 0.35
%/K
Angle of half intensity
ϕ
± 60
deg
Peak wavelength
IF = 100 mA
λ
p
890
nm
Spectral bandwidth
IF = 100 mA
Δλ
40
nm
Temperature coefficient of
λ
p
IF = 100 mA
TK
λ
p
0.25
nm/K
Rise time
IF = 100 mA
tr
30
ns
Fall time
IF = 100 mA
tf
30
ns
Cut-off frequency
IDC = 70 mA, IAC = 30 mA pp
fc
12
MHz
Virtual source diameter
d
0.44
mm


Similar Part No. - VSMF3710_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMF3710 VISHAY-VSMF3710_09 Datasheet
149Kb / 7P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.7, 03-Nov-09
More results

Similar Description - VSMF3710_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF1000 VISHAY-TSMF1000_11 Datasheet
183Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.8, 30-Jun-11
TSHF5210 VISHAY-TSHF5210_08 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSHF6410 VISHAY-TSHF6410 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.1, 04-Sep-08
TSHF4410 VISHAY-TSHF4410 Datasheet
97Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.1, 16-Sep-08
TSMF1000 VISHAY-TSMF1000_V01 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
01-Jan-2022
TSHF5410 VISHAY-TSHF5410_08 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSSF4500 VISHAY-TSSF4500_08 Datasheet
91Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Sep-08
TSMF1030 VISHAY-TSMF1030 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.7, 04-Sep-08
TSHF5410 VISHAY-TSHF5410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.3, 25-Jun-09
TSHF6410 VISHAY-TSHF6410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com