Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD933220MIT Datasheet(PDF) 1 Page - STMicroelectronics

Part # PSD933220MIT
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD933220MIT Datasheet(HTML) 1 Page - STMicroelectronics

  PSD933220MIT Datasheet HTML 1Page - STMicroelectronics PSD933220MIT Datasheet HTML 2Page - STMicroelectronics PSD933220MIT Datasheet HTML 3Page - STMicroelectronics PSD933220MIT Datasheet HTML 4Page - STMicroelectronics PSD933220MIT Datasheet HTML 5Page - STMicroelectronics PSD933220MIT Datasheet HTML 6Page - STMicroelectronics PSD933220MIT Datasheet HTML 7Page - STMicroelectronics PSD933220MIT Datasheet HTML 8Page - STMicroelectronics PSD933220MIT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
1/110
PRELIMINARY DATA
June 2004
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PSD813F2, PSD833F2
PSD834F2, PSD853F2, PSD854F2
Flash In-System Programmable (ISP)
Peripherals for 8-bit MCUs, 5V
FEATURES SUMMARY
FLASH IN-SYSTEM PROGRAMMABLE (ISP)
PERIPHERAL FOR 8-BIT MCUS
DUAL BANK FLASH MEMORIES
UP TO 2 Mbit OF PRIMARY FLASH
MEMORY (8 Uniform Sectors, 32K x8)
UP TO 256 Kbit SECONDARY FLASH
MEMORY (4 Uniform Sectors)
Concurrent operation: READ from one
memory while erasing and writing the
other
UP TO 256 Kbit BATTERY-BACKED SRAM
27 RECONFIGURABLE I/O PORTS
ENHANCED JTAG SERIAL PORT
PLD WITH MACROCELLS
Over 3000 Gates of PLD: CPLD and
DPLD
CPLD with 16 Output Macrocells (OMCs)
and 24 Input Macrocells (IMCs)
DPLD - user defined internal chip select
decoding
27 INDIVIDUALLY CONFIGURABLE I/O
PORT PINS
The can be used for the following functions:
MCU I/Os
–PLD I/Os
Latched MCU address output
Special function I/Os.
16 of the I/O ports may be configured as
open-drain outputs.
IN-SYSTEM PROGRAMMING (ISP) WITH
JTAG
Built-in JTAG compliant serial port allows
full-chip In-System Programmability
Efficient manufacturing allow easy
product testing and programming
Use low cost FlashLINK cable with PC
PAGE REGISTER
Internal page register that can be used to
expand the microcontroller address space
by a factor of 256
PROGRAMMABLE POWER MANAGEMENT
Figure 1. Packages
HIGH ENDURANCE:
100,000 Erase/WRITE Cycles of Flash
Memory
1,000 Erase/WRITE Cycles of PLD
15 Year Data Retention
5V±10% SINGLE SUPPLY VOLTAGE
STANDBY CURRENT AS LOW AS 50µA
PQFP52 (M)
PLCC52 (J)
TQFP64 (U)


Similar Part No. - PSD933220MIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD934210JIT STMICROELECTRONICS-PSD934210JIT Datasheet
615Kb / 89P
   Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD934210JT STMICROELECTRONICS-PSD934210JT Datasheet
615Kb / 89P
   Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD934210MIT STMICROELECTRONICS-PSD934210MIT Datasheet
615Kb / 89P
   Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD934210MT STMICROELECTRONICS-PSD934210MT Datasheet
615Kb / 89P
   Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD934215JIT STMICROELECTRONICS-PSD934215JIT Datasheet
615Kb / 89P
   Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
More results

Similar Description - PSD933220MIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com