Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSMG3700-GS18 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VSMG3700-GS18
Description  High Speed Infrared Emitting Diode, RoHS Compliant, 850 nm, GaAlAs Double Hetero
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMG3700-GS18 Datasheet(HTML) 5 Page - Vishay Siliconix

  VSMG3700-GS18 Datasheet HTML 1Page - Vishay Siliconix VSMG3700-GS18 Datasheet HTML 2Page - Vishay Siliconix VSMG3700-GS18 Datasheet HTML 3Page - Vishay Siliconix VSMG3700-GS18 Datasheet HTML 4Page - Vishay Siliconix VSMG3700-GS18 Datasheet HTML 5Page - Vishay Siliconix VSMG3700-GS18 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81471
316
Rev. 1.2, 04-Sep-08
VSMG3700
Vishay Semiconductors
High Speed Infrared Emitting Diode, RoHS
Compliant, 850 nm, GaAlAs Double Hetero
Fig. 9 - Blister Tape
Fig. 10 - Tape Dimensions in mm for PLCC-2
MISSING DEVICES
A maximum of 0.5 % of the total number of components per
reel may be missing, exclusively missing components at the
beginning and at the end of the reel. A maximum of three
consecutive components may be missing, provided this gap
is followed by six consecutive components.
Fig. 11 - Beginning and End of Reel
The tape leader is at least 160 mm and is followed by a
carrier tape leader with at least 40 empty compartments. The
tape leader may include the carrier tape as long as the cover
tape is not connected to the carrier tape. The least
component is followed by a carrier tape trailer with a least 75
empty compartments and sealed with cover tape.
Fig. 12 - Dimensions of Reel-GS08
Fig. 13 - Dimensions of Reel-GS18
COVER TAPE REMOVAL FORCE
The removal force lies between 0.1 N and 1.0 N at a removal
speed of 5 mm/s. In order to prevent components from
popping out of the blisters, the cover tape must be pulled off
at an angle of 180° with regard to the feed direction.
Adhesive tape
Component cavity
Blister tape
94 8670
1.85
1.65
4.0
3.6
3.6
3.4
2.05
1.95
1.6
1.4
4.1
3.9
4.1
3.9
5.75
5.25
8.3
7.7
3.5
3.1
2.2
2.0
0.25
94 8668
De-reeling direction
Tape leader
min. 75 empty
compartments
> 160 mm
40 empty
compartments
Carrier leader
Carrier trailer
94 8158
180
178
4.5
3.5
2.5
1.5
13.00
12.75
63.5
60.5
14.4 max.
10.0
9.0
120°
94 8665
Identification
Label:
Vishay
type
group
tape code
production
code
quantity
321
329
Identification
4.5
3.5
2.5
1.5
13.00
12.75
62.5
60.0
14.4 max.
10.4
8.4
120°
18857
Label:
Vishay
type
group
tape code
production
code
quantity


Similar Part No. - VSMG3700-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMG3700-GS18 VISHAY-VSMG3700-GS18 Datasheet
127Kb / 6P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.4, 06-Oct-10
VSMG3700-GS18 VISHAY-VSMG3700-GS18 Datasheet
132Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.5, 24-Sep-13
VSMG3700-GS18 VISHAY-VSMG3700-GS18 Datasheet
143Kb / 6P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2022
More results

Similar Description - VSMG3700-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHG5410 VISHAY-TSHG5410 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 850 nm, GaAlAs Double Hetero
Rev. 1.1, 04-Sep-08
TSHG6410 VISHAY-TSHG6410 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 850 nm, GaAlAs Double Hetero
Rev. 1.1, 04-Sep-08
TSHG5210 VISHAY-TSHG5210 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 850 nm, GaAlAs Double Hetero
Rev. 1.1, 04-Sep-08
TSHG6210 VISHAY-TSHG6210 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 850 nm, GaAlAs Double Hetero
Rev. 1.1, 04-Sep-08
TSHG6410 VISHAY-TSHG6410_09 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 08-Jul-09
TSHG6200 VISHAY-TSHG6200_07 Datasheet
116Kb / 6P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Dec-07
TSHG5410 VISHAY-TSHG5410_11 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
TSHG6200 VISHAY-TSHG6200_V01 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG5210 VISHAY-TSHG5210_V02 Datasheet
107Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2023
TSHG6410 VISHAY-TSHG6410_V02 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com