Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMB3140-GS08 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMB3140-GS08
Description  Standard SMD LED PLCC-2
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMB3140-GS08 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMB3140-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMB3140-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMB3140-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMB3140-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMB3140-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMB3140-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMB3140-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMB3140-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMB3140-GS08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number 81242
Rev. 1.1, 31-Aug-07
Vishay Semiconductors
VLMB/BG/TG31..
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Figure 1. Forward Current vs. Ambient Temperature for InGaN
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Specific Luminous Flux vs. Forward Current
0
5
10
15
20
25
0
T
amb - Ambient Temperature (°C)
16806
10 20 30 40 50 60 70 80
110
100
90
0
10
20
30
40
50
60
70
80
90
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
F - Forward Voltage (V)
19918
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
16194
Figure 4. Relative Intensity vs. Wavelength
Figure 5. Relative Intensity vs. Wavelength
Figure 6. Relative Intensity vs. Wavelength
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
400
420
440
460
480
500
520
540
560
λ - Wavelength (nm)
16069
blue
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
420 440 460 480 500 520 540 560 580 600
16070
blue green
λ - Wavelength (nm)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
460 480 500 520 540 560 580 600 620
λ - Wavelength (nm)
16068
true green


Similar Part No. - VLMB3140-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB314P2R1-GS08 VISHAY-VLMB314P2R1-GS08 Datasheet
192Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.3, 11-Sep-07
VLMB314P2R1-GS18 VISHAY-VLMB314P2R1-GS18 Datasheet
192Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.3, 11-Sep-07
VLMB314P2S1-GS08 VISHAY-VLMB314P2S1-GS08 Datasheet
192Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.3, 11-Sep-07
VLMB314P2S1-GS18 VISHAY-VLMB314P2S1-GS18 Datasheet
192Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.3, 11-Sep-07
VLMB314Q2S1-GS08 VISHAY-VLMB314Q2S1-GS08 Datasheet
192Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.3, 11-Sep-07
More results

Similar Description - VLMB3140-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
   Standard SMD LED PLCC-2
Rev. 1.5, 16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com