Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPG06-33 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TMPG06-33
Description  Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMPG06-33 Datasheet(HTML) 3 Page - Vishay Siliconix

  TMPG06-33 Datasheet HTML 1Page - Vishay Siliconix TMPG06-33 Datasheet HTML 2Page - Vishay Siliconix TMPG06-33 Datasheet HTML 3Page - Vishay Siliconix TMPG06-33 Datasheet HTML 4Page - Vishay Siliconix TMPG06-33 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TMPG06-6.8 thru TMPG06-43A
Vishay General Semiconductor
Document Number: 88404
Revision: 21-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TMPG06-6.8AHE3/54 (1)
0.218
54
5500
13" diameter paper tape and reel
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
0.1
1.0
10
100
td - Pulse Width (s)
TMPG06-6.8 - TMPG06-9.1A
TMPG06-10 - TMPG06-43A
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TJ - Initial Temperature (°C)
Figure 3. Pulse Waveform
Figure 4. Typical Junction Capacitance
0
50
100
150
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
t
d
10/1000 µs Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t - Time (ms)
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
10
100
1000
10 000
10
1.0
100
200
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Measured at
Zero Bias
Measured at Stand-Off
Voltage V
WM
VBR - Breakdown Voltage (V)


Similar Part No. - TMPG06-33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMPG06-33 VISHAY-TMPG06-33 Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TMPG06-33 VISHAY-TMPG06-33 Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
logo
Shenzhen Taychipst Elec...
TMPG06-33 TAYCHIPST-TMPG06-33 Datasheet
13Mb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TMPG06-33A VISHAY-TMPG06-33A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TMPG06-33A VISHAY-TMPG06-33A Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
More results

Similar Description - TMPG06-33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMPG06-43A VISHAY-TMPG06-43A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TPSMA43A VISHAY-TPSMA43A Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMB43A VISHAY-TPSMB43A_08 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TMPG06-6.8 VISHAY-TMPG06-6.8_11 Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
TPSMA43A VISHAY-TPSMA43A_08 Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMC47A VISHAY-TPSMC47A Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
3KASMC10 VISHAY-3KASMC10 Datasheet
93Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
29-Jun-06
SM6A27-E32D VISHAY-SM6A27-E32D Datasheet
85Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
SM8S30AHE32D VISHAY-SM8S30AHE32D Datasheet
98Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
SM6S28AHE3 VISHAY-SM6S28AHE3 Datasheet
87Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com