Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPG06-33 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TMPG06-33
Description  Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMPG06-33 Datasheet(HTML) 4 Page - Vishay Siliconix

  TMPG06-33 Datasheet HTML 1Page - Vishay Siliconix TMPG06-33 Datasheet HTML 2Page - Vishay Siliconix TMPG06-33 Datasheet HTML 3Page - Vishay Siliconix TMPG06-33 Datasheet HTML 4Page - Vishay Siliconix TMPG06-33 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TMPG06-6.8 thru TMPG06-43A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88404
Revision: 21-Oct-08
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Power Derating Curve
TL - Lead Temperature (°C)
0
0.25
0.50
0.75
1.00
0
25
50
75
100
125
150
175
200
60 Hz
Resistive or
Inductive Load
L = 0.375" (9.5 mm)
Lead Lengths
Figure 6. Maximum Non-Repetitive Forward Surge Current
1
10
100
10
100
T
J = 75 °C
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.125 (3.18)
0.115 (2.92)
0.100 (2.54)
0.090 (2.29)
DIA.
0.025 (0.635)
0.023 (0.584)
DIA.
Case Style MPG06


Similar Part No. - TMPG06-33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMPG06-33 VISHAY-TMPG06-33 Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TMPG06-33 VISHAY-TMPG06-33 Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
logo
Shenzhen Taychipst Elec...
TMPG06-33 TAYCHIPST-TMPG06-33 Datasheet
13Mb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TMPG06-33A VISHAY-TMPG06-33A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TMPG06-33A VISHAY-TMPG06-33A Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
More results

Similar Description - TMPG06-33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMPG06-43A VISHAY-TMPG06-43A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TPSMA43A VISHAY-TPSMA43A Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMB43A VISHAY-TPSMB43A_08 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TMPG06-6.8 VISHAY-TMPG06-6.8_11 Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
TPSMA43A VISHAY-TPSMA43A_08 Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMC47A VISHAY-TPSMC47A Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
3KASMC10 VISHAY-3KASMC10 Datasheet
93Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
29-Jun-06
SM6A27-E32D VISHAY-SM6A27-E32D Datasheet
85Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
SM8S30AHE32D VISHAY-SM8S30AHE32D Datasheet
98Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
SM6S28AHE3 VISHAY-SM6S28AHE3 Datasheet
87Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com