Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLME31R1S2-GS08 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VLME31R1S2-GS08
Description  Standard SMD LED PLCC-2
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLME31R1S2-GS08 Datasheet(HTML) 5 Page - Vishay Siliconix

  VLME31R1S2-GS08 Datasheet HTML 1Page - Vishay Siliconix VLME31R1S2-GS08 Datasheet HTML 2Page - Vishay Siliconix VLME31R1S2-GS08 Datasheet HTML 3Page - Vishay Siliconix VLME31R1S2-GS08 Datasheet HTML 4Page - Vishay Siliconix VLME31R1S2-GS08 Datasheet HTML 5Page - Vishay Siliconix VLME31R1S2-GS08 Datasheet HTML 6Page - Vishay Siliconix VLME31R1S2-GS08 Datasheet HTML 7Page - Vishay Siliconix VLME31R1S2-GS08 Datasheet HTML 8Page - Vishay Siliconix VLME31R1S2-GS08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number 81324
Rev. 1.1, 06-Sep-07
www.vishay.com
5
Vishay Semiconductors
VLME31..
METHOD OF TAPING/POLARITY AND TAPE
AND REEL
SMD LED (VLM3 - SERIES)
Vishay’s LEDs in SMD packages are available in an
antistatic 8 mm blister tape (in accordance with
DIN IEC 40 (CO) 564) for automatic component
insertation. The blister tape is a plastic strip with
impressed component cavaties, covered by a top tape.
TAPING OF VLM.3..
REEL PACKAGE DIMENSION IN MM FOR
SMD LEDS, TAPE OPTION GS08
(= 1500 PCS.)
REEL PACKAGE DIMENSION IN MM FOR
SMD LEDS, TAPE OPTION GS18
(= 8000 PCS.) PREFERRED
Figure 10. Tape dimensions in mm for PLCC-2
Figure 11. Reel Dimensions - GS08
Adhesive Tape
Component Cavity
Blister Tape
94 8670
1.85
1.65
4.0
3.6
3.6
3.4
2.05
1.95
1.6
1.4
4.1
3.9
4.1
3.9
5.75
5.25
8.3
7.7
3.5
3.1
2.2
2.0
0.25
94 8668
180
178
Identification
4.5
3.5
2.5
1.5
13.00
12.75
63.5
60.5
14.4 max.
10.0
9.0
120°
94 8665
Label:
Vishay
Type
Group
Tape Code
Production
Code
Quantity
Figure 12. Reel dimensions - GS18
321
329
Identification
4.5
3.5
2.5
1.5
13.00
12.75
62.5
60.0
14.4 max.
10.4
8.4
120°
18857
Label:
Vishay
Type
Group
Tape Code
Production
Code
Quantity


Similar Part No. - VLME31R1S2-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLME31R1S2-GS08 VISHAY-VLME31R1S2-GS08 Datasheet
187Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
logo
HK TO-GRACE TECHNOLOGY ...
VLME31R1S2-GS08 TO-GRACE-VLME31R1S2-GS08 Datasheet
690Kb / 8P
   Standard SMD LED PLCC-2
logo
Vishay Siliconix
VLME31R1S2-GS08 VISHAY-VLME31R1S2-GS08 Datasheet
214Kb / 8P
   Standard SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLME31R1S2-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
   Standard SMD LED PLCC-2
Rev. 1.5, 16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com