Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMK31R1S1-GS08 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMK31R1S1-GS08
Description  Standard SMD LED PLCC-2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMK31R1S1-GS08 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMK31R1S1-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMK31R1S1-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMK31R1S1-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMK31R1S1-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMK31R1S1-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMK31R1S1-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMK31R1S1-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMK31R1S1-GS08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number 81329
Rev. 1.3, 11-Apr-08
www.vishay.com
3
Vishay Semiconductors
VLMK31..
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Figure 1. Max. Permissible Forward Current vs.
Ambient Temperature
Figure 2. Permissible Forward Current vs. Pulse Length
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
0
5
10
15
20
25
30
35
40
0
1020
3040
5060
70
80
90 100
T
amb - Ambient Temperature (°C)
16615
10.00
100.00
1000.00
0.01
0.10
1.00
10.00
100.00
tp - Pulse Length (ms)
16622
tp/T = 0.01
0.02
0.05
0.1
0.2
0.5
1
0.4
0.2
0
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
Figure 4. Relative Intensity vs. Wavelength
Figure 5. Forward Current vs. Forward Voltage
Figure 6. Relative Luminous Intensity vs. Forward Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
600 610 620 630 640 650 660 670 680 690 700
λ - Wavelength (nm)
96 12075
1
10
100
1.0
1.5
2.0
2.5
3.0
V
F - Forward Voltage (V)
95 10878
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
19113
red


Similar Part No. - VLMK31R1S1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMK31R1S1-GS08 VISHAY-VLMK31R1S1-GS08 Datasheet
171Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 26-Sep-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMK31R1S1-GS08 TO-GRACE-VLMK31R1S1-GS08 Datasheet
771Kb / 7P
   Standard SMD LED PLCC-2
logo
Vishay Siliconix
VLMK31R1S1-GS08 VISHAY-VLMK31R1S1-GS08 Datasheet
224Kb / 7P
   Standard SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLMK31R1S1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
   Standard SMD LED PLCC-2
Rev. 1.5, 16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com