Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMK33S1T1-GS08 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMK33S1T1-GS08
Description  Power SMD LED in PLCC-2 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMK33S1T1-GS08 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMK33S1T1-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMK33S1T1-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMK33S1T1-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMK33S1T1-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMK33S1T1-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMK33S1T1-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMK33S1T1-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMK33S1T1-GS08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number 81350
Rev. 1.1, 13-Sep-07
www.vishay.com
3
Vishay Semiconductors
VLMK33..
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Figure 1. Forward Current vs. Ambient Temperature
Figure 2. Forward Current vs. Pulse Length
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
0
10
20
30
40
50
60
70
80
90
100
10
25
50
75
100
125
16784
R
thJA = 400 K/W
T
amb - Ambient Temperature (°C)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
t
P - Pulse Length (s)
10 -5
10 -4
10 -3
10 -2
10 -1
10 0
101
102
t
P/T = 0.005
0.05
0.5
17044
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
Figure 4. Rel. Luminous Intensity vs. Angular Displacement
Figure 5. Forward Current vs. Forward Voltage
Figure 6. Change of Dominatn Wavelenght vs. Forward Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
570
590
610
630
650
670
λ - Wavelength (nm)
16007
red
0
10
20
30
40
50
60
70
80
90
100
1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4
VF - Forward Voltage (V)
17047
red
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
17037
red


Similar Part No. - VLMK33S1T1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMK33S1T1-GS08 VISHAY-VLMK33S1T1-GS08 Datasheet
153Kb / 8P
   Power SMD LED PLCC-2
Rev. 1.9, 03-Aug-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMK33S1T1-GS08 TO-GRACE-VLMK33S1T1-GS08 Datasheet
792Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMK33S1T1-GS08 VISHAY-VLMK33S1T1-GS08 Datasheet
198Kb / 7P
   Power SMD LED PLCC-2
01-Jan-2022
VLMK33S1T1-GS08 VISHAY-VLMK33S1T1-GS08 Datasheet
198Kb / 7P
   Power SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLMK33S1T1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMK330 VISHAY-TLMK330 Datasheet
187Kb / 11P
   Power SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
TLMS310 VISHAY-TLMS310_04 Datasheet
163Kb / 6P
   SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
logo
P-tec Corporation
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCY04 P-TEC-PL008R-WCY04 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW15Z P-TEC-PL008R-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
logo
Vishay Siliconix
TLMK3210 VISHAY-TLMK3210 Datasheet
292Kb / 11P
   Power SMD LED in PLCC-3 Package
Rev. 1.1, 15-Mar-05
logo
P-tec Corporation
PL008-WCW13Z P-TEC-PL008-WCW13Z Datasheet
32Kb / 1P
   White SMD LED PLCC-2 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com