Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMY62CADA-GS18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMY62CADA-GS18
Description  Power SMD LED CLCC-6 Flat
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY62CADA-GS18 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMY62CADA-GS18 Datasheet HTML 1Page - Vishay Siliconix VLMY62CADA-GS18 Datasheet HTML 2Page - Vishay Siliconix VLMY62CADA-GS18 Datasheet HTML 3Page - Vishay Siliconix VLMY62CADA-GS18 Datasheet HTML 4Page - Vishay Siliconix VLMY62CADA-GS18 Datasheet HTML 5Page - Vishay Siliconix VLMY62CADA-GS18 Datasheet HTML 6Page - Vishay Siliconix VLMY62CADA-GS18 Datasheet HTML 7Page - Vishay Siliconix VLMY62CADA-GS18 Datasheet HTML 8Page - Vishay Siliconix VLMY62CADA-GS18 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 81771
Rev. 1.1, 21-Jul-08
Vishay Semiconductors
VLMK/Y62..
For technical support, please contact: LED@vishay.com
Note:
Not designed for reverse operation
1) T
amb = 25 °C, unless otherwise specified
Note:
1) T
amb = 25 °C, unless otherwise specified
Note:
1) T
amb = 25 °C, unless otherwise specified
2) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.05 V
ABSOLUTE MAXIMUM RATINGS 1) VLMK62../VLMY62..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Forward current
IF
150
mA
Power dissipation
Ptot
450
mW
Junction temperature
Tj
+ 115
°C
Surge current
t < 10 µs, d = 0.1
IFM
1000
mA
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Thermal resistance junction/pin
Metal core pcb 960 mm² per LED
RthJP
60
K/W
Thermal resistance junction/ambient
RthJA
110
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) VLMY62CADA, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 140 mA
IV
2800
5600
mcd
Luminous flux
IF = 140 mA
φ
V
8800
14 100
17 600
mlm
Dominant wavelength
IF = 140 mA
λ
d
583
594
nm
Peak wavelength
IF = 140 mA
λ
p
591
nm
Spectral bandwidth
at 50 % Irel max.
IF = 140 mA
Δλ
15
nm
Angle of half intensity
IF = 140 mA
ϕ
± 60
deg
Forward voltage
IF = 140 mA
VF
1.90
2.4
3.0
V
Optical efficiency
IF = 140 mA
ηopt
29
Im/W
OPTICAL AND ELECTRICAL CHARACTERISTICS1) VLMK62CADA, AMBER
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 140 mA
IV
2800
5600
mcd
Luminous flux
IF = 140 mA
φ
V
8800
14 100
17 600
mlm
Dominant wavelength
IF = 140 mA
λ
d
612
624
nm
Peak wavelength
IF = 140 mA
λ
p
611
nm
Spectral bandwidth
at 50 % Irel max.
IF = 140 mA
Δλ
18
nm
Angle of half intensity
IF = 140 mA
ϕ
60
deg
Forward voltage 2)
IF = 140 mA
VF
1.90
2.4
3.0
V
Optical efficiency
IF = 140 mA
ηopt
29
Im/W


Similar Part No. - VLMY62CADA-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY61CADA-GS08 VISHAY-VLMY61CADA-GS08 Datasheet
225Kb / 9P
   Power SMD LED CLCC-6
Rev. 1.2, 21-Jul-08
VLMY61CADA-GS18 VISHAY-VLMY61CADA-GS18 Datasheet
225Kb / 9P
   Power SMD LED CLCC-6
Rev. 1.2, 21-Jul-08
More results

Similar Description - VLMY62CADA-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW64BBDA-5K8L-08 VISHAY-VLMW64BBDA-5K8L-08 Datasheet
200Kb / 9P
   Power SMD LED CLCC-6 Flat
Rev. 1.1, 21-Jul-08
VLMW62CADB-3K8L-08 VISHAY-VLMW62CADB-3K8L-08 Datasheet
216Kb / 10P
   Power SMD LED CLCC-6 Flat
Rev. 1.3, 21-Jul-08
VLMW621BADAK3L5-08 VISHAY-VLMW621BADAK3L5-08 Datasheet
208Kb / 9P
   Power SMD LED CLCC-6 Warm White Flat
Rev. 1.3, 21-Jul-08
VLMW63BBDA-5K8L-08 VISHAY-VLMW63BBDA-5K8L-08 Datasheet
191Kb / 9P
   Power SMD LED CLCC-6
Rev. 1.0, 18-Jul-08
VLMW84DBFA-08 VISHAY-VLMW84DBFA-08 Datasheet
202Kb / 9P
   Power SMD LED CLCC-2 Flat
Rev. 1.0, 08-Aug-08
VLMK61CADA-GS08 VISHAY-VLMK61CADA-GS08 Datasheet
225Kb / 9P
   Power SMD LED CLCC-6
Rev. 1.2, 21-Jul-08
VLMW61CADB-3K8L-08 VISHAY-VLMW61CADB-3K8L-08 Datasheet
234Kb / 10P
   Power SMD LED CLCC-6
Rev. 1.4, 21-Jul-08
VLMK82EAFA-GS08 VISHAY-VLMK82EAFA-GS08 Datasheet
206Kb / 10P
   Power SMD LED CLCC-2 Flat
Rev. 1.0, 03-Jul-08
VLMW82EBFB-08 VISHAY-VLMW82EBFB-08 Datasheet
183Kb / 9P
   Power SMD LED CLCC-2 Flat
Rev. 1.0, 05-May-08
VLMW611BADAK3L5-08 VISHAY-VLMW611BADAK3L5-08 Datasheet
223Kb / 9P
   Power SMD LED CLCC-6 Warm White
Rev. 1.2, 21-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com