Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMK3102-GS18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMK3102-GS18
Description  Standard SMD LED PLCC-2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMK3102-GS18 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMK3102-GS18 Datasheet HTML 1Page - Vishay Siliconix VLMK3102-GS18 Datasheet HTML 2Page - Vishay Siliconix VLMK3102-GS18 Datasheet HTML 3Page - Vishay Siliconix VLMK3102-GS18 Datasheet HTML 4Page - Vishay Siliconix VLMK3102-GS18 Datasheet HTML 5Page - Vishay Siliconix VLMK3102-GS18 Datasheet HTML 6Page - Vishay Siliconix VLMK3102-GS18 Datasheet HTML 7Page - Vishay Siliconix VLMK3102-GS18 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 81230
Rev. 1.2, 04-Jun-08
Vishay Semiconductors
VLMK310.
For technical support, please contact: LED@vishay.com
Note:
1) T
amb = 25 °C, unless otherwise specified
2) Driving LED in reverse direction is suitable for short term application
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one packing unit I
Vmax/IVmin ≤ 2.0
Note:
Luminous intensity is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
The above type numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be or-
derable.
In a similar manner for colors where wavelength groups are mea-
sured and binned, single wavelength groups will be shipped on any
one reel.
In order to ensure availability, single wavelength groups will not be
orderable.
ABSOLUTE MAXIMUM RATINGS 1) VLMK310.
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage 2)
VR
5V
DC Forward current
Tamb ≤ 85 °C
IF
30
mA
Surge forward current
tp ≤ 10 µs
IFSM
0.1
A
Power dissipation
PV
80
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Thermal resistance junction/
ambient
mounted on PC board
(pad size > 16 mm2)
RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) VLMK310., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity 2)
IF = 10 mA
VLMK3100
IV
11.2
50
mcd
VLMK3102
IV
22.4
56
mcd
VLMK3105
IV
35.5
90
mcd
Dominant wavelength
IF = 10 mA
λ
d
630
nm
Peak wavelength
IF = 10 mA
λ
p
643
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
1.9
2.6
V
Reverse voltage
IR = 10 µA
VR
5V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
L
1
11.2
14.0
2
14.0
18.0
M
1
18.0
22.4
2
22.4
28.0
N
1
28.0
35.5
2
35.5
45.0
P
1
45.0
56.0
2
56.0
71.0
Q
1
71.0
90.0
2
90.0
112.0
R
1
112.0
140.0
2
140.0
180.0
CROSSING TABLE
VISHAY
OSRAM
VLMK3100
LST676
VLMK3102
LST676
VLMK3105
LST676


Similar Part No. - VLMK3102-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMK3102-GS18 VISHAY-VLMK3102-GS18 Datasheet
175Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.6, 31-Jul-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMK3102-GS18 TO-GRACE-VLMK3102-GS18 Datasheet
833Kb / 8P
   Standard SMD LED PLCC-2
More results

Similar Description - VLMK3102-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
   Standard SMD LED PLCC-2
Rev. 1.5, 16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com