Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMG3100-GS18 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMG3100-GS18
Description  Standard SMD LED PLCC-2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMG3100-GS18 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMG3100-GS18 Datasheet HTML 1Page - Vishay Siliconix VLMG3100-GS18 Datasheet HTML 2Page - Vishay Siliconix VLMG3100-GS18 Datasheet HTML 3Page - Vishay Siliconix VLMG3100-GS18 Datasheet HTML 4Page - Vishay Siliconix VLMG3100-GS18 Datasheet HTML 5Page - Vishay Siliconix VLMG3100-GS18 Datasheet HTML 6Page - Vishay Siliconix VLMG3100-GS18 Datasheet HTML 7Page - Vishay Siliconix VLMG3100-GS18 Datasheet HTML 8Page - Vishay Siliconix VLMG3100-GS18 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number 84789
Rev. 1.5, 16-May-08
Vishay Semiconductors
VLMG310./VLMH310./VLMO310./VLMP310./VLMY310.
For technical support, please contact: LED@vishay.com
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one packing unit I
Vmax/IVmin ≤ 1.6
Note:
Luminous intensity is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
The above Type Numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be
orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped on
any one reel.
In order to ensure availability, single wavelength groups will not be
orderable.
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) VLMP310., PURE GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity 2)
IF = 10 mA
VLMP3100
IV
1.12
4
mcd
VLMP3101
IV
1.8
4.5
mcd
VLMP3102
IV
2.8
7.1
mcd
VLMP3107
IV
2.8
5.6
mcd
Dominant wavelength
IF = 10 mA
λ
d
555
565
nm
Peak wavelength
IF = 10 mA
λ
p
555
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
2.1
2.8
V
Reverse voltage
IR = 10 µA
VR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
COLOR CLASSIFICATION
GROUP
YELLOW
GREEN
SOFTORANGE
PURE GREEN
DOM. WAVELENGTH (nm)
DOM. WAVELENGTH (nm)
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
0
555
559
1
581
584
598
601
558
561
2
583
586
600
603
560
563
3
585
588
602
605
562
565
4
587
590
564
567
604
607
5
589
592
566
569
606
609
6
591
594
568
571
608
611
7
570
573
606
609
8
572
575
608
611
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
F
-
-
-
2
1.40
1.80
G
1
1.80
2.24
2
2.24
2.80
H
1
2.80
3.55
2
3.55
4.50
J
1
4.50
5.60
2
5.60
7.10
K
1
7.10
9.00
2
9.00
11.20
L
1
11.20
14.00
2
14.00
18.00
M
1
18.00
22.40
2
22.40
28.00


Similar Part No. - VLMG3100-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMG3100-GS18 VISHAY-VLMG3100-GS18 Datasheet
211Kb / 13P
   Standard SMD LED PLCC-2
Rev. 2.0, 04-Nov-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMG3100-GS18 TO-GRACE-VLMG3100-GS18 Datasheet
880Kb / 13P
   Standard SMD LED PLCC-2
logo
Vishay Siliconix
VLMG3100-GS18 VISHAY-VLMG3100-GS18 Datasheet
303Kb / 12P
   Standard SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLMG3100-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com