Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMPG33N1P2-GS18 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VLMPG33N1P2-GS18
Description  Power SMD LED PLCC-2
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMPG33N1P2-GS18 Datasheet(HTML) 5 Page - Vishay Siliconix

  VLMPG33N1P2-GS18 Datasheet HTML 1Page - Vishay Siliconix VLMPG33N1P2-GS18 Datasheet HTML 2Page - Vishay Siliconix VLMPG33N1P2-GS18 Datasheet HTML 3Page - Vishay Siliconix VLMPG33N1P2-GS18 Datasheet HTML 4Page - Vishay Siliconix VLMPG33N1P2-GS18 Datasheet HTML 5Page - Vishay Siliconix VLMPG33N1P2-GS18 Datasheet HTML 6Page - Vishay Siliconix VLMPG33N1P2-GS18 Datasheet HTML 7Page - Vishay Siliconix VLMPG33N1P2-GS18 Datasheet HTML 8Page - Vishay Siliconix VLMPG33N1P2-GS18 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number 81335
Rev. 1.2, 10-Sep-07
www.vishay.com
5
Vishay Semiconductors
VLMPG33N1P2/VLMYG33P1Q2
PACKAGE DIMENSIONS in millimeters
Figure 9. Change of Dominant Wavelength vs.
Ambient Temperature
Figure 10. Rel. Luminous Intensity vs. Ambient Temperature
- 8
- 6
- 4
- 2
0
2
4
6
8
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18617
pure green
0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18619
yellow green
Figure 11. Change of Dominant Wavelength vs.
Ambient Temperature
- 8
- 6
- 4
- 2
0
2
4
6
8
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18620
yellow green
95 11314-1
Mounting Pad Layout
3.5 ± 0.2
Pin identification
? 2.4
3
+ 0.15
1.2
1.6 (1.9)
4
area covered with
solder resist
technical drawings
according to DIN
specifications
Drawing-No.: 6.541-5025.01-4
Issue: 8; 22.11.05
CA


Similar Part No. - VLMPG33N1P2-GS18

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
VLMPG33N1P2-GS18 TO-GRACE-VLMPG33N1P2-GS18 Datasheet
851Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMPG33N1P2-GS18 VISHAY-VLMPG33N1P2-GS18 Datasheet
222Kb / 8P
   Power SMD LED PLCC-2
VLMPG33N1P2-GS18 VISHAY-VLMPG33N1P2-GS18 Datasheet
222Kb / 8P
   Power SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLMPG33N1P2-GS18

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1-5K8L-08 TO-GRACE-VLMW33S2V1-5K8L-08 Datasheet
671Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMW33 VISHAY-VLMW33_V02 Datasheet
233Kb / 8P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY335 VISHAY-VLMY335_V02 Datasheet
261Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY333 VISHAY-VLMY333_V01 Datasheet
273Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2022
VLMS333 VISHAY-VLMS333 Datasheet
231Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 24-Sep-13
VLMS334 VISHAY-VLMS334 Datasheet
266Kb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 07-Mar-17
VLMS333T2V2-GS08 VISHAY-VLMS333T2V2-GS08 Datasheet
1Mb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMK33Q2T1-GS08 TO-GRACE-VLMK33Q2T1-GS08 Datasheet
792Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
   Power SMD LED PLCC-2
01-Jan-2022
VLMPG33N VISHAY-VLMPG33N Datasheet
222Kb / 8P
   Power SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com