Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMG3105-GS08 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VLMG3105-GS08
Description  Standard SMD LED PLCC-2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMG3105-GS08 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VLMG3105-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 9Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 10Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 11Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 12Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 13Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Document Number 84789
Rev. 1.5, 16-May-08
www.vishay.com
11
Vishay Semiconductors
VLMG310./VLMH310./VLMO310./VLMP310./VLMY310.
For technical support, please contact: LED@vishay.com
REEL PACKAGE DIMENSION IN MM
FOR SMD LEDS, TAPE OPTION GS08
(= 1500 PCS.)
REEL PACKAGE DIMENSION IN MM
FOR SMD LEDS, TAPE OPTION GS18
(= 8000 PCS.) PREFERRED
SOLDERING PROFILE
Figure 30. Reel Dimensions - GS08
Figure 31. Reel Dimensions - GS18
180
178
Identification
4.5
3.5
2.5
1.5
13.00
12.75
63.5
60.5
14.4 max.
10.0
9.0
120°
94 8665
Label:
Vishay
Type
Group
Tape Code
Production
Code
Quantity
321
329
Identification
4.5
3.5
2.5
1.5
13.00
12.75
62.5
60.0
14.4 max.
10.4
8.4
120°
18857
Label:
Vishay
Type
Group
Tape Code
Production
Code
Quantity
Figure 32. Vishay Lead (Pb)-free Reflow Soldering Profile
(acc. to J-STD-020B)
Figure 33. Double Wave Soldering of Opto Devices (all Packages)
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19885
IR Reflow Soldering Profile for Lead (Pb)-free Soldering
Preconditioning acc. to JEDEC Level 2a
max. 2 cycles allowed
255 °C
235 °C to 260 °C
2 K/s
ca. 200 K/s
ca. 2 K/s
second
wave
first wave
ca. 5 K/s
5 s
full line: typical
dotted line: process limits
Time (s)
lead temperature
300
250
200
150
100
50
0
0
100
150
200
250
948626-1
TTW Soldering
(acc. to CECC00802)
50
100 °C to 130 °C
forced cooling


Similar Part No. - VLMG3105-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMG3105-GS08 VISHAY-VLMG3105-GS08 Datasheet
211Kb / 13P
   Standard SMD LED PLCC-2
Rev. 2.0, 04-Nov-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMG3105-GS08 TO-GRACE-VLMG3105-GS08 Datasheet
880Kb / 13P
   Standard SMD LED PLCC-2
logo
Vishay Siliconix
VLMG3105-GS08 VISHAY-VLMG3105-GS08 Datasheet
303Kb / 12P
   Standard SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLMG3105-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com