Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMG3105-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMG3105-GS08
Description  Standard SMD LED PLCC-2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMG3105-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMG3105-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMG3105-GS08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number 84789
Rev. 1.5, 16-May-08
Vishay Semiconductors
VLMG310./VLMH310./VLMO310./VLMP310./VLMY310.
For technical support, please contact: LED@vishay.com
Note:
1) T
amb = 25 °C, unless otherwise specified
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one packing unit I
Vmax/IVmin ≤ 1.6
VLMY3100-GS18
Yellow, IV > 2.8 mcd
GaAsP on GaP
VLMY3101-GS08
Yellow, IV = (4.5 to 11.2) mcd
GaAsP on GaP
VLMY3101-GS18
Yellow, IV = (4.5 to 11.2) mcd
GaAsP on GaP
VLMY3102-GS08
Yellow, IV = (7.1 to 18) mcd
GaAsP on GaP
VLMY3102-GS18
Yellow, IV = (7.1 to 18) mcd
GaAsP on GaP
VLMG3100-GS08
Green, IV > 4.5 mcd
GaP on GaP
VLMG3100-GS18
Green, IV > 4.5 mcd
GaP on GaP
VLMG3102-GS08
Green, IV = (11.2 to 18) mcd
GaP on GaP
VLMG3102-GS18
Green, IV = (11.2 to 18) mcd
GaP on GaP
VLMG3105-GS08
Green, IV = (7.1 to 18) mcd
GaP on GaP
VLMG3105-GS18
Green, IV = (7.1 to 18) mcd
GaP on GaP
VLMP3100-GS08
Pure green, IV > 1.12 mcd
GaP on GaP
VLMP3100-GS18
Pure green, IV > 1.12 mcd
GaP on GaP
VLMP3101-GS08
Pure green, IV = (1.8 to 4.5) mcd
GaP on GaP
VLMP3101-GS18
Pure green, IV = (1.8 to 4.5) mcd
GaP on GaP
VLMP3107-GS08
Pure green, IV = (2.8 to 5.6) mcd
GaP on GaP
VLMP3107-GS18
Pure green, IV = (2.8 to 5.6) mcd
GaP on GaP
VLMP3102-GS08
Pure green, IV = (2.8 to 7.1) mcd
GaP on GaP
VLMP3102-GS18
Pure green, IV = (2.8 to 7.1) mcd
GaP on GaP
ABSOLUTE MAXIMUM RATINGS 1) VLMG310. ,VLMH310. ,VLMO310. ,VLMP310. ,VLMY310.
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
6V
DC forward current
Tamb ≤ 60 °C
IF
30
mA
Surge forward current
tp ≤ 10 µs
IFSM
0.5
A
Power dissipation
Tamb ≤ 60 °C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction/
ambient
mounted on PC board
(pad size > 16 mm2)
RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) VLMH310., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity 2)
IF = 10 mA
VLMH3100
IV
2.8
10
mcd
VLMH3101
IV
4.5
11.2
mcd
VLMH3102
IV
7.1
18
mcd
Dominant wavelength
IF = 10 mA
λ
d
612
625
nm
Peak wavelength
IF = 10 mA
λ
p
635
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
22.8
V
Reverse voltage
IR = 10 µA
VR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
PARTS TABLE
PART
COLOR, LUMINOUS INTENSITY
TECHNOLOGY


Similar Part No. - VLMG3105-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMG3105-GS08 VISHAY-VLMG3105-GS08 Datasheet
211Kb / 13P
   Standard SMD LED PLCC-2
Rev. 2.0, 04-Nov-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMG3105-GS08 TO-GRACE-VLMG3105-GS08 Datasheet
880Kb / 13P
   Standard SMD LED PLCC-2
logo
Vishay Siliconix
VLMG3105-GS08 VISHAY-VLMG3105-GS08 Datasheet
303Kb / 12P
   Standard SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLMG3105-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com