Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMS33S1T2-GS08 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VLMS33S1T2-GS08
Description  Power SMD LED PLCC-2
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS33S1T2-GS08 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VLMS33S1T2-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 9Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 10Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 11Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 12Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.vishay.com
10
Document Number 81336
Rev. 1.0, 04-May-07
Vishay Semiconductors
VLM.33..
SOLDERING PROFILE
BARCODE-PRODUCT-LABEL
EXAMPLE:
A) Type of component
B) Manufacturing Plant
C) SEL - Selection Code (Bin):
e.g.: R2 = Code for Luminous Intensity Group
3
= Code for Color Group
D Date Code year/week
E) Day Code (e.g. 1: Monday)
F) Batch No.
G) Total quantity
H) Company Code
Figure 26. Vishay Lead (Pb)-free Reflow Soldering Profile
(acc. to J-STD-020C)
Figure 27. Double wave soldering of opto devices (all packages)
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. Ramp Up 3 °C/s
max. Ramp Down 6 °C/s
19885
IR Reflow Soldering Profile for lead (Pb)-free soldering
Preconditioning acc. to JEDEC Level 2a
max. 2 cycles allowed
255 °C
235 °C...260 °C
2 K/s
ca. 200 K/s
ca. 2 K/s
second
wave
first wave
ca. 5 K/s
5 s
full line: typical
dotted line: process limits
Time (s)
Lead Temperature
300
250
200
150
100
50
0
0
100
150
200
250
948626-1
TTW Soldering
(acc. to CECC00802)
50
100 °C...130 °C
forced cooling
106
37
VISHAY
A
H
BC
D
E
F
G
20195


Similar Part No. - VLMS33S1T2-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS33S1T2-GS08 VISHAY-VLMS33S1T2-GS08 Datasheet
236Kb / 11P
   Power SMD LED PLCC-2
Rev. 1.5, 03-Nov-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMS33S1T2-GS08 TO-GRACE-VLMS33S1T2-GS08 Datasheet
831Kb / 11P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMS33S1T2-GS08 VISHAY-VLMS33S1T2-GS08 Datasheet
246Kb / 10P
   Power SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLMS33S1T2-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 10-Sep-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1-5K8L-08 TO-GRACE-VLMW33S2V1-5K8L-08 Datasheet
671Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMW33 VISHAY-VLMW33_V02 Datasheet
233Kb / 8P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY335 VISHAY-VLMY335_V02 Datasheet
261Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY333 VISHAY-VLMY333_V01 Datasheet
273Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2022
VLMS333 VISHAY-VLMS333 Datasheet
231Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 24-Sep-13
VLMS334 VISHAY-VLMS334 Datasheet
266Kb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 07-Mar-17
VLMS333T2V2-GS08 VISHAY-VLMS333T2V2-GS08 Datasheet
1Mb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMK33Q2T1-GS08 TO-GRACE-VLMK33Q2T1-GS08 Datasheet
792Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
   Power SMD LED PLCC-2
01-Jan-2022
VLMPG33N VISHAY-VLMPG33N Datasheet
222Kb / 8P
   Power SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com