Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMS33S1T2-GS08 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMS33S1T2-GS08
Description  Power SMD LED PLCC-2
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS33S1T2-GS08 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMS33S1T2-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMS33S1T2-GS08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number 81336
Rev. 1.0, 04-May-07
Vishay Semiconductors
VLM.33..
Note:
Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of ± 1 nm.
Note:
Luminous intensity is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
The above type Numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be
orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped on
any one reel.
In order to ensure availability, single wavelength groups will not be
orderable.
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (NM)
AMBER
SOFT ORANGE
YELLOW
MIN
MAX
MIN
MAX
MIN
MAX
1
611
618
598
601
581
584
2
614
622
600
603
583
586
3
602
605
585
588
4
604
607
587
590
5
606
609
589
592
6
608
611
591
594
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (MCD)
STANDARD
OPTIONAL
MIN
MAX
P
1
45
56
2
56
71
Q
1
71
90
2
90
112
R
1
112
140
2
140
180
S
1
180
224
2
224
280
T
1
280
355
2
355
450
U
1
450
560
2
560
710
CROSSING TABLE
VISHAY
OSRAM
VLMS33S1T2
LST67B-S1T2
VLMS33S1U1
LST67B-T1U1


Similar Part No. - VLMS33S1T2-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS33S1T2-GS08 VISHAY-VLMS33S1T2-GS08 Datasheet
236Kb / 11P
   Power SMD LED PLCC-2
Rev. 1.5, 03-Nov-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMS33S1T2-GS08 TO-GRACE-VLMS33S1T2-GS08 Datasheet
831Kb / 11P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMS33S1T2-GS08 VISHAY-VLMS33S1T2-GS08 Datasheet
246Kb / 10P
   Power SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLMS33S1T2-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 10-Sep-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1-5K8L-08 TO-GRACE-VLMW33S2V1-5K8L-08 Datasheet
671Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMW33 VISHAY-VLMW33_V02 Datasheet
233Kb / 8P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY335 VISHAY-VLMY335_V02 Datasheet
261Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY333 VISHAY-VLMY333_V01 Datasheet
273Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2022
VLMS333 VISHAY-VLMS333 Datasheet
231Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 24-Sep-13
VLMS334 VISHAY-VLMS334 Datasheet
266Kb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 07-Mar-17
VLMS333T2V2-GS08 VISHAY-VLMS333T2V2-GS08 Datasheet
1Mb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMK33Q2T1-GS08 TO-GRACE-VLMK33Q2T1-GS08 Datasheet
792Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
   Power SMD LED PLCC-2
01-Jan-2022
VLMPG33N VISHAY-VLMPG33N Datasheet
222Kb / 8P
   Power SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com