Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMS3101-GS18 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMS3101-GS18
Description  Standard SMD LED PLCC-2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS3101-GS18 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMS3101-GS18 Datasheet HTML 1Page - Vishay Siliconix VLMS3101-GS18 Datasheet HTML 2Page - Vishay Siliconix VLMS3101-GS18 Datasheet HTML 3Page - Vishay Siliconix VLMS3101-GS18 Datasheet HTML 4Page - Vishay Siliconix VLMS3101-GS18 Datasheet HTML 5Page - Vishay Siliconix VLMS3101-GS18 Datasheet HTML 6Page - Vishay Siliconix VLMS3101-GS18 Datasheet HTML 7Page - Vishay Siliconix VLMS3101-GS18 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 81214
Rev. 1.1, 30-Aug-07
Vishay Semiconductors
VLMS310.
PACKAGE DIMENSIONS in millimeters
Figure 7. Relative Luminous Intensity vs. Forward Current
Figure 8. Change of Dominant Wavelength vs.
Ambient Temperartue
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
16638
super red
- 3
- 2
- 1
0
1
2
3
4
5
0
204060
80
100
Tamb - Ambient Temperature (°C)
16637
Figure 9. Relative Luminous Intensity vs. Wavelength
0.0
0.2
0.4
0.6
0.8
1.0
1.2
550
590
630
670
710
750
16639
- Wavelength (nm)
Super-red
95 11314-1
Mounting Pad Layout
3.5 ± 0.2
Pin identification
? 2.4
3
+ 0.15
1.2
1.6 (1.9)
4
area covered with
solder resist
technical drawings
according to DIN
specifications
Drawing-No.: 6.541-5025.01-4
Issue: 8; 22.11.05
CA


Similar Part No. - VLMS3101-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS3101-GS18 VISHAY-VLMS3101-GS18 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMS3101-GS18 TO-GRACE-VLMS3101-GS18 Datasheet
684Kb / 8P
   Standard SMD LED PLCC-2
More results

Similar Description - VLMS3101-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
   Standard SMD LED PLCC-2
Rev. 1.5, 16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com