Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMTG31Q1R2-GS018 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMTG31Q1R2-GS018
Description  Standard SMD LED PLCC-2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMTG31Q1R2-GS018 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMTG31Q1R2-GS018 Datasheet HTML 1Page - Vishay Siliconix VLMTG31Q1R2-GS018 Datasheet HTML 2Page - Vishay Siliconix VLMTG31Q1R2-GS018 Datasheet HTML 3Page - Vishay Siliconix VLMTG31Q1R2-GS018 Datasheet HTML 4Page - Vishay Siliconix VLMTG31Q1R2-GS018 Datasheet HTML 5Page - Vishay Siliconix VLMTG31Q1R2-GS018 Datasheet HTML 6Page - Vishay Siliconix VLMTG31Q1R2-GS018 Datasheet HTML 7Page - Vishay Siliconix VLMTG31Q1R2-GS018 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number 81289
Rev. 1.2, 15-May-08
www.vishay.com
3
Vishay Semiconductors
VLMTG31..
For technical support, please contact: LED@vishay.com
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Figure 1. Max. Permissible Forward Current vs.
Ambient Temperature
Figure 2. Relative Luminous Intensity vs. Angular Displacement
Figure 3. Relative Intensity vs. Wavelength
0
5
10
15
20
25
0
T
amb - Ambient Temperature (°C)
16806
10 20 30 40 50 60 70 80
110
100
90
0.4
0.2
0
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
460 480 500 520 540 560 580 600 620
λ - Wavelength (nm)
16068
true green
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Specific Luminous Intensity vs. Forward Current
Figure 6. Dominant Wavelength vs. Forward Current
0
10
20
30
40
50
60
70
80
90
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
F- Forward Voltage (V)
20039
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
20163
true green
IF - Forward Current (mA)
16812
524
526
528
530
532
534
536
538
0
1020304050
true green


Similar Part No. - VLMTG31Q1R2-GS018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMTG3100-GS08 VISHAY-VLMTG3100-GS08 Datasheet
197Kb / 10P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLMTG3100-GS18 VISHAY-VLMTG3100-GS18 Datasheet
197Kb / 10P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
More results

Similar Description - VLMTG31Q1R2-GS018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
   Standard SMD LED PLCC-2
Rev. 1.5, 16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com