Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMP3107-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMP3107-GS08
Description  Standard SMD LED PLCC-2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMP3107-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMP3107-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMP3107-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMP3107-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMP3107-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMP3107-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMP3107-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMP3107-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMP3107-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMP3107-GS08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Semiconductors
VLMG310./VLMH310./VLMO310./VLMP310./VLMY310.
Document Number 84789
Rev. 1.5, 16-May-08
www.vishay.com
1
For technical support, please contact: LED@vishay.com
Standard SMD LED PLCC-2
FEATURES
• Lead (Pb)-free product-RoHS compliant
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible with automatic placement
equipment
• EIA and ICE standard package
• Compatible with infrared, vapor phase and wave
solder processes according to CECC 00802 and
J-STD-020B
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light
pipes and backlighting
• Low power consumption
• Luminous intensity ratio in one packaging unit
IVmax/IVmin ≤ 1.6
• Preconditioning: acc. to JEDEC level 2a
94 8553
e3
DESCRIPTION
These devices have been designed to meet the
increasing demand for surface mounting technology.
The package of the VLM.310. is the PLCC-2.
It consists of a lead frame which is embedded in a
white thermoplast. The reflector inside this package is
filled up with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
APPLICATIONS
• Automotive:
backlighting
in
dashboards
and
switches
• Telecommunication: indicator and backlighting in
telephone and fax
• Indicator and backlight for audio and video
equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches and symbols
• General use
PARTS TABLE
PART
COLOR, LUMINOUS INTENSITY
TECHNOLOGY
VLMH3100-GS08
Red, IV > 2.8 mcd
GaAsP on GaP
VLMH3100-GS18
Red, IV > 2.8 mcd
GaAsP on GaP
VLMH3101-GS08
Red, IV = (4.5 to 11.2) mcd
GaAsP on GaP
VLMH3101-GS18
Red, IV = (4.5 to 11.2) mcd
GaAsP on GaP
VLMH3102-GS08
Red, IV = (7.1 to 18) mcd
GaAsP on GaP
VLMH3102-GS18
Red, IV = (7.1 to 18) mcd
GaAsP on GaP
VLMO3100-GS08
Soft orange, IV > 2.8 mcd
GaAsP on GaP
VLMO3100-GS18
Soft orange, IV > 2.8 mcd
GaAsP on GaP
VLMO3101-GS08
Soft orange, IV = (4.5 to 11.2) mcd
GaAsP on GaP
VLMO3101-GS18
Soft orange, IV = (4.5 to 11.2) mcd
GaAsP on GaP
VLMY3100-GS08
Yellow, IV > 2.8 mcd
GaAsP on GaP


Similar Part No. - VLMP3107-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMP3107-GS08 VISHAY-VLMP3107-GS08 Datasheet
211Kb / 13P
   Standard SMD LED PLCC-2
Rev. 2.0, 04-Nov-15
More results

Similar Description - VLMP3107-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com