Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMW62CADB-3K8L-08 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VLMW62CADB-3K8L-08
Description  Power SMD LED CLCC-6 Flat
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW62CADB-3K8L-08 Datasheet(HTML) 5 Page - Vishay Siliconix

  VLMW62CADB-3K8L-08 Datasheet HTML 1Page - Vishay Siliconix VLMW62CADB-3K8L-08 Datasheet HTML 2Page - Vishay Siliconix VLMW62CADB-3K8L-08 Datasheet HTML 3Page - Vishay Siliconix VLMW62CADB-3K8L-08 Datasheet HTML 4Page - Vishay Siliconix VLMW62CADB-3K8L-08 Datasheet HTML 5Page - Vishay Siliconix VLMW62CADB-3K8L-08 Datasheet HTML 6Page - Vishay Siliconix VLMW62CADB-3K8L-08 Datasheet HTML 7Page - Vishay Siliconix VLMW62CADB-3K8L-08 Datasheet HTML 8Page - Vishay Siliconix VLMW62CADB-3K8L-08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number 81752
Rev. 1.3, 21-Jul-08
www.vishay.com
5
Vishay Semiconductors
VLMW62..
For technical support, please contact: LED@vishay.com
Figure 7. Change of Forward Voltage vs. Ambient Temperature
Figure 8. Change of Color Coordinate vs. Ambient Temperature
Figure 9. x, y Coordinate vs. Forward Current
- 0.40
- 0.30
- 0.20
- 0.10
0
0.10
0.20
0.30
0.40
0.50
- 60 - 40 - 20
0
20
40
60
80 100
T
amb - Ambient Temperature (°C)
20649
- 0.050
- 0.040
- 0.030
- 0.020
- 0.010
0
0.010
0.020
0.030
0.040
0.050
- 60 - 40 - 20
0
20
40
60
80 100
x
y
20648
T
amb - Ambient Temperature (°C)
0.270
0.275
0.280
0.285
0.290
0.295
0.300
0.305
0.310
040
80
120
160
200
240
I
F - Forward Current (mA)
20644
x
y


Similar Part No. - VLMW62CADB-3K8L-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW621BADAK3L5-08 VISHAY-VLMW621BADAK3L5-08 Datasheet
208Kb / 9P
   Power SMD LED CLCC-6 Warm White Flat
Rev. 1.3, 21-Jul-08
VLMW621BADAK3L5-18 VISHAY-VLMW621BADAK3L5-18 Datasheet
208Kb / 9P
   Power SMD LED CLCC-6 Warm White Flat
Rev. 1.3, 21-Jul-08
VLMW621CADBK3L5-08 VISHAY-VLMW621CADBK3L5-08 Datasheet
208Kb / 9P
   Power SMD LED CLCC-6 Warm White Flat
Rev. 1.3, 21-Jul-08
VLMW621CADBK3L5-18 VISHAY-VLMW621CADBK3L5-18 Datasheet
208Kb / 9P
   Power SMD LED CLCC-6 Warm White Flat
Rev. 1.3, 21-Jul-08
More results

Similar Description - VLMW62CADB-3K8L-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW64BBDA-5K8L-08 VISHAY-VLMW64BBDA-5K8L-08 Datasheet
200Kb / 9P
   Power SMD LED CLCC-6 Flat
Rev. 1.1, 21-Jul-08
VLMK62CADA-GS08 VISHAY-VLMK62CADA-GS08 Datasheet
207Kb / 9P
   Power SMD LED CLCC-6 Flat
Rev. 1.1, 21-Jul-08
VLMW621BADAK3L5-08 VISHAY-VLMW621BADAK3L5-08 Datasheet
208Kb / 9P
   Power SMD LED CLCC-6 Warm White Flat
Rev. 1.3, 21-Jul-08
VLMW63BBDA-5K8L-08 VISHAY-VLMW63BBDA-5K8L-08 Datasheet
191Kb / 9P
   Power SMD LED CLCC-6
Rev. 1.0, 18-Jul-08
VLMW84DBFA-08 VISHAY-VLMW84DBFA-08 Datasheet
202Kb / 9P
   Power SMD LED CLCC-2 Flat
Rev. 1.0, 08-Aug-08
VLMK61CADA-GS08 VISHAY-VLMK61CADA-GS08 Datasheet
225Kb / 9P
   Power SMD LED CLCC-6
Rev. 1.2, 21-Jul-08
VLMW61CADB-3K8L-08 VISHAY-VLMW61CADB-3K8L-08 Datasheet
234Kb / 10P
   Power SMD LED CLCC-6
Rev. 1.4, 21-Jul-08
VLMK82EAFA-GS08 VISHAY-VLMK82EAFA-GS08 Datasheet
206Kb / 10P
   Power SMD LED CLCC-2 Flat
Rev. 1.0, 03-Jul-08
VLMW82EBFB-08 VISHAY-VLMW82EBFB-08 Datasheet
183Kb / 9P
   Power SMD LED CLCC-2 Flat
Rev. 1.0, 05-May-08
VLMW611BADAK3L5-08 VISHAY-VLMW611BADAK3L5-08 Datasheet
223Kb / 9P
   Power SMD LED CLCC-6 Warm White
Rev. 1.2, 21-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com