Electronic Components Datasheet Search |
|
VLMW32U2AA-5K8L-18 Datasheet(PDF) 10 Page - Vishay Siliconix |
|
VLMW32U2AA-5K8L-18 Datasheet(HTML) 10 Page - Vishay Siliconix |
10 / 12 page www.vishay.com 10 Document Number 81619 Rev. 1.1, 20-Jul-07 Vishay Semiconductors VLMW32.. DRY PACKING The reel is packed in an anti-humidity bag to protect the devices from absorbing moisture during transportation and storage. FINAL PACKING The sealed reel is packed into a cardboard box. A secondary cardboard box is used for shipping purposes. RECOMMENDED METHOD OF STORAGE Dry box storage is recommended as soon as the aluminum bag has been opened to prevent moisture absorption. The following conditions should be observed, if dry boxes are not available: • Storage temperature 10 °C to 30 °C • Storage humidity ≤ 60 % RH max. After more than 672 hours under these conditions moisture content will be too high for reflow soldering. In case of moisture absorption, the devices will recover to the former condition by drying under the following condition: 192 hours at 40 °C + 5 °C/- 0 °C and < 5 % RH (dry air/nitrogen) or 96 hours at 60 °C + 5 °C and < 5 % RH for all device containers or 24 hours at 100 °C + 5 °C not suitable for reel or tubes. An EIA JEDEC Standard JESD22-A112 Level 2a label is included on all dry bags. Example of JESD22-A112 Level 2a label ESD PRECAUTION Proper storage and handling procedures should be followed to prevent ESD damage to the devices especially when they are removed from the Antistatic Shielding Bag. Electro-Static Sensitive Devices warning labels are on the packaging. Aluminum bag Label Reel 15973 L E V E L CAUTION This bag contains MOISTURE –SENSITIVE DEVICES 1. Shelf life in sealed bag 12 months at <40°C and < 90% relative humidity (RH) 2. After this bag is opened devices that will be subjected to infrared reflow, vapor-phase reflow, or equivalent processing (peak package body temp. 260°C) must be: a) Mounted within 672 hours at factory condition of < 30°C/60%RH or b) Stored at <10% RH. 3. Devices require baking before mounting if: a) Humidity Indicator Card is >10% when read at 23°C + 5°C or b) 2a or 2b is not met. 4. If baking is required, devices may be baked for: 192 hours at 40°C + 5°C/-0°C and <5%RH (dry air/nitrogen) or 96 hours at 60±5oCand <5%RH For all device containers or 24 hours at 100±5°C Not suitable for reels or tubes Bag Seal Date: ______________________________ (If blank, see bar code label) Note: LEVEL defined by EIA JEDEC Standard JESD22-A113 2a 19786 |
Similar Part No. - VLMW32U2AA-5K8L-18 |
|
Similar Description - VLMW32U2AA-5K8L-18 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |