Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMY33T1U2-GS18 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VLMY33T1U2-GS18
Description  Power SMD LED PLCC-2
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY33T1U2-GS18 Datasheet(HTML) 5 Page - Vishay Siliconix

  VLMY33T1U2-GS18 Datasheet HTML 1Page - Vishay Siliconix VLMY33T1U2-GS18 Datasheet HTML 2Page - Vishay Siliconix VLMY33T1U2-GS18 Datasheet HTML 3Page - Vishay Siliconix VLMY33T1U2-GS18 Datasheet HTML 4Page - Vishay Siliconix VLMY33T1U2-GS18 Datasheet HTML 5Page - Vishay Siliconix VLMY33T1U2-GS18 Datasheet HTML 6Page - Vishay Siliconix VLMY33T1U2-GS18 Datasheet HTML 7Page - Vishay Siliconix VLMY33T1U2-GS18 Datasheet HTML 8Page - Vishay Siliconix VLMY33T1U2-GS18 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number 81336
Rev. 1.0, 04-May-07
www.vishay.com
5
Vishay Semiconductors
VLM.33..
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Figure 1. Forward Current vs. Ambient Temperature
Figure 2. Forward Current vs. Pulse Length
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
0
10
20
30
40
50
60
70
80
90
100
10
25
50
75
100
125
16784
R
thJA = 400 K/W
T
amb - Ambient Temperature (°C)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
t
P - Pulse Length (s)
10 -5
10 -4
10 -3
10 -2
10 -1
10 0
101
102
t
P/T = 0.005
0.05
0.5
17044
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Relative Intensity vs. Wavelength
Figure 6. Relative Luminous Intensity vs. Forward Current
0
10
20
30
40
50
60
70
80
90
100
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5
V
F - Forward Voltage (V)
20144
yellow
soft orange
amber
super red
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
570 580 590 600 610 620 630 640 650 660 670
λ - Wavelength (nm)
20196
amber
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
super red
20143
amber
yellow
soft orange


Similar Part No. - VLMY33T1U2-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY33T1U2-GS18 VISHAY-VLMY33T1U2-GS18 Datasheet
236Kb / 11P
   Power SMD LED PLCC-2
Rev. 1.5, 03-Nov-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMY33T1U2-GS18 TO-GRACE-VLMY33T1U2-GS18 Datasheet
831Kb / 11P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMY33T1U2-GS18 VISHAY-VLMY33T1U2-GS18 Datasheet
246Kb / 10P
   Power SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLMY33T1U2-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 10-Sep-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1-5K8L-08 TO-GRACE-VLMW33S2V1-5K8L-08 Datasheet
671Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMW33 VISHAY-VLMW33_V02 Datasheet
233Kb / 8P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY335 VISHAY-VLMY335_V02 Datasheet
261Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY333 VISHAY-VLMY333_V01 Datasheet
273Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2022
VLMS333 VISHAY-VLMS333 Datasheet
231Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 24-Sep-13
VLMS334 VISHAY-VLMS334 Datasheet
266Kb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 07-Mar-17
VLMS333T2V2-GS08 VISHAY-VLMS333T2V2-GS08 Datasheet
1Mb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMK33Q2T1-GS08 TO-GRACE-VLMK33Q2T1-GS08 Datasheet
792Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
   Power SMD LED PLCC-2
01-Jan-2022
VLMPG33N VISHAY-VLMPG33N Datasheet
222Kb / 8P
   Power SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com