Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMW82EBFB-08 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VLMW82EBFB-08
Description  Power SMD LED CLCC-2 Flat
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW82EBFB-08 Datasheet(HTML) 7 Page - Vishay Siliconix

  VLMW82EBFB-08 Datasheet HTML 1Page - Vishay Siliconix VLMW82EBFB-08 Datasheet HTML 2Page - Vishay Siliconix VLMW82EBFB-08 Datasheet HTML 3Page - Vishay Siliconix VLMW82EBFB-08 Datasheet HTML 4Page - Vishay Siliconix VLMW82EBFB-08 Datasheet HTML 5Page - Vishay Siliconix VLMW82EBFB-08 Datasheet HTML 6Page - Vishay Siliconix VLMW82EBFB-08 Datasheet HTML 7Page - Vishay Siliconix VLMW82EBFB-08 Datasheet HTML 8Page - Vishay Siliconix VLMW82EBFB-08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number 81872
Rev. 1.0, 05-May-08
www.vishay.com
7
Vishay Semiconductors
VLMW82..
BAR CODE PRODUCT LABEL
EXAMPLE:
A) Type of component
B) Manufacturing plant
C) SEL - selection code (bin):
e.g.: DA = code for luminous intensity group
5
= code for color group
4
= code for forward voltage
D) Batch:
200707 = year 2007, week 07
PH19
= plant code
E) Total quantity
DRY PACKING
The reel is packed in an anti-humidity bag to protect
the
devices
from
absorbing
moisture
during
transportation and storage.
FINAL PACKING
The sealed reel is packed into a cardboard box. A
secondary cardboard box is used for shipping
purposes.
RECOMMENDED METHOD OF STORAGE
Dry box storage is recommended as soon as the
aluminum bag has been opened to prevent moisture
absorption.
The
following
conditions
should
be
observed, if dry boxes are not available:
• Storage temperature 10 °C to 30 °C
• Storage humidity
≤ 60 % RH max.
After more than 72 h under these conditions moisture
content will be too high for reflow soldering.
In case of moisture absorption, the devices will recover
to the former condition by drying under the following
condition:
192 h at 40 °C + 5 °C/- 0 °C and < 5 % RH
(dry air/nitrogen) or
96 h at 60 °C + 5 °C and < 5 % RH for all device
containers or
24 h at 100 °C + 5 °C not suitable for reel or tubes.
An EIA JEDEC standard JESD22-A112 level 4 label is
included on all aluminum dry bags.
Example of JESD22-A112 level 4 label
ESD PRECAUTION
Proper storage and handling procedures should be
followed to prevent ESD damage to the devices
especially when they are removed from the antistatic
shielding bag. Electro-static sensitive devices warning
labels are on the packaging.
VISHAY SEMICONDUCTORS STANDARD
BAR CODE LABELS
The Vishay Semiconductors standard bar code labels
are printed at final packing areas. The labels are on
each packing unit and contain Vishay Semiconductors
specific data.
A
C
B
D
E
20613
Aluminum bag
Label
Reel
15973
CAUTION
This bag contains
MOISTURE-SENSITIVE DEVICES
1. Shelf life in sealed bag: 12 months at < 40 °C and < 90 % relative
humidity (RH)
2. After this bag is opened, devices that will be subjected to soldering
reflow or equivalent processing (peak package body temp. 260 °C)
must be
2a. Mounted within 72 hours at factory condition of < 30 °C/60 % RH or
2b. Stored at < 5 % RH
3. Devices require baking befor mounting if:
Humidity Indicator Card is > 10 % when read at 23 °C ± 5 °C or
2a. or 2b. are not met.
4. If baking is required, devices may be baked for:
192 hours at 40 °C + 5 °C/- 0 °C and < 5 % RH (dry air/nitrogen) or
96 hours at 60 °C ± 5 °C and < 5 % RH for all device containers or
24 hours at 125 °C ± 5 °C not suitable for reels or tubes
Bag Seal Date:
(If blank, see barcode label)
Note: Level and body temperature defined by EIA JEDEC Standard JSTD-020
4
LEVEL


Similar Part No. - VLMW82EBFB-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW84DBFA-08 VISHAY-VLMW84DBFA-08 Datasheet
202Kb / 9P
   Power SMD LED CLCC-2 Flat
Rev. 1.0, 08-Aug-08
VLMW84DBFA-18 VISHAY-VLMW84DBFA-18 Datasheet
202Kb / 9P
   Power SMD LED CLCC-2 Flat
Rev. 1.0, 08-Aug-08
More results

Similar Description - VLMW82EBFB-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW84DBFA-08 VISHAY-VLMW84DBFA-08 Datasheet
202Kb / 9P
   Power SMD LED CLCC-2 Flat
Rev. 1.0, 08-Aug-08
VLMK82EAFA-GS08 VISHAY-VLMK82EAFA-GS08 Datasheet
206Kb / 10P
   Power SMD LED CLCC-2 Flat
Rev. 1.0, 03-Jul-08
VLMW64BBDA-5K8L-08 VISHAY-VLMW64BBDA-5K8L-08 Datasheet
200Kb / 9P
   Power SMD LED CLCC-6 Flat
Rev. 1.1, 21-Jul-08
VLMK62CADA-GS08 VISHAY-VLMK62CADA-GS08 Datasheet
207Kb / 9P
   Power SMD LED CLCC-6 Flat
Rev. 1.1, 21-Jul-08
VLMW62CADB-3K8L-08 VISHAY-VLMW62CADB-3K8L-08 Datasheet
216Kb / 10P
   Power SMD LED CLCC-6 Flat
Rev. 1.3, 21-Jul-08
VLMW621BADAK3L5-08 VISHAY-VLMW621BADAK3L5-08 Datasheet
208Kb / 9P
   Power SMD LED CLCC-6 Warm White Flat
Rev. 1.3, 21-Jul-08
VLMW63BBDA-5K8L-08 VISHAY-VLMW63BBDA-5K8L-08 Datasheet
191Kb / 9P
   Power SMD LED CLCC-6
Rev. 1.0, 18-Jul-08
VLMK61CADA-GS08 VISHAY-VLMK61CADA-GS08 Datasheet
225Kb / 9P
   Power SMD LED CLCC-6
Rev. 1.2, 21-Jul-08
VLMW61CADB-3K8L-08 VISHAY-VLMW61CADB-3K8L-08 Datasheet
234Kb / 10P
   Power SMD LED CLCC-6
Rev. 1.4, 21-Jul-08
VLMW611BADAK3L5-08 VISHAY-VLMW611BADAK3L5-08 Datasheet
223Kb / 9P
   Power SMD LED CLCC-6 Warm White
Rev. 1.2, 21-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com