Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0603A102FXXAP68 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ0603A102FXXAP68
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0603A102FXXAP68 Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ0603A102FXXAP68 Datasheet HTML 1Page - Vishay Siliconix VJ0603A102FXXAP68 Datasheet HTML 2Page - Vishay Siliconix VJ0603A102FXXAP68 Datasheet HTML 3Page - Vishay Siliconix VJ0603A102FXXAP68 Datasheet HTML 4Page - Vishay Siliconix VJ0603A102FXXAP68 Datasheet HTML 5Page - Vishay Siliconix VJ0603A102FXXAP68 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VJ High Rel C0G (NP0)
Surface Mount Multilayer Ceramic Chip Capacitors
for High Reliability Applications
Vishay Vitramon
Document Number: 45045
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 20-Feb-08
119
Notes:
(1) DC voltage rating should not be exceeded in application
(2) Process code with 2 digits has to be added
DIMENSIONS in inches [millimeters]
PART
ORDERING
NUMBER
LENGTH (L)
WIDTH (W)
MAXIMUM
THICKNESS (T)
TERMINATION PAD (P)
MINIMUM
MAXIMUM
VJ0402
0.040 ± 0.004
[1.00 ± 0.10]
0.020 ± 0.004
[0.50 ± 0.010]
0.024 [0.61]
0.004 [0.10]
0.016 [0.41]
VJ0603
0.063 ± 0.005
[1.60 ± 0.12]
0.031 ± 0.005
[0.80 ± 0.12]
0.036 [0.92]
0.012 [0.30]
0.018 [0.46]
VJ0805
0.079 ± 0.008
[2.00 ± 0.20]
0.049 ± 0.008
[1.25 ± 0.20]
0.053 [1.35]
0.010 [0.25]
0.028 [0.71]
VJ1206
0.126 ± 0.008
[3.20 ± 0.20]
0.063 ± 0.008
[1.60 ± 0.20]
0.067 [1.70]
0.010 [0.25]
0.028 [0.71]
VJ1210
0.126 ± 0.008
[3.20 ± 0.20]
0.098 ± 0.008
[2.50 ± 0.20]
0.067 [1.70]
0.010 [0.25]
0.028 [0.71]
VJ1808
0.180 ± 0.010
[4.57 ± 0.25]
0.080 ± 0.010
[2.03 ± 0.25]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
VJ1812
0.177 ± 0.010
[4.50 ± 0.25]
0.126 ± 0.008
[3.20 ± 0.20]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
VJ1825
0.177 ± 0.010
[4.50 ± 0.25]
0.252 ± 0.010
[6.40 ± 0.25]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
VJ2220
0.220 ± 0.008
[5.59 ± 0.20]
0.200 ± 0.008
[5.08 ± 0.20]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
VJ2225
0.220 ± 0.010
[5.59 ± 0.25]
0.250 ± 0.010
[6.35 ± 0.25]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
ORDERING INFORMATION
VJ1206
A
102
J
L
A
A
T
## (2)
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION DC VOLTAGE
RATING (1)
MARKING
PACKAGING
PROCESS
CODE
0402
0603
0805
1206
1210
1808
1812
1825
2220
2225
A = C0G (NP0)
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier. An “R”
indicates a
decimal point
Examples:
102 = 1000 pF
1R8 = 1.8 pF
C = ± 0.25 pF
D = ± 0.5 pF
F = ± 1 %
G = ± 2 %
H = ± 3 %
J = ± 5 %
K = ± 10 %
Note:
C, D < 10 pF
F, G, H,
≥ 10 pF
J, K,
≥ 10 pF
X = Ni barrier 100
% tin plated
F = AgPd
L = Ni barrier with
tin lead plated
min. 4 % lead
Q = 10 V
J = 16 V
X = 25 V
A = 50 V
B = 100 V
C = 200 V
E = 500 V
N = 600 V
A = Unmarked C = 7" reel/ paper
tape
T = 7" reel/ plastic
tape
P = 11 1/4" reel/
paper tape
R = 11 1/4" reel/
plastic tape
B = Bulk
W = Waffle tray
(Paper tape for
0402 and 0603
only)
2L = High Rel
group A and C
screening
68 = High Rel
group A
screening only
5G = Voltage
Conditioning
only
L
W
T
MAX.
P


Similar Part No. - VJ0603A102FXXAP68

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0603A102FXSCW1BC VISHAY-VJ0603A102FXSCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0603A102FXSPW1BC VISHAY-VJ0603A102FXSPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0603A102FXYCW1BC VISHAY-VJ0603A102FXYCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0603A102FXYPW1BC VISHAY-VJ0603A102FXYPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
More results

Similar Description - VJ0603A102FXXAP68

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com