Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO3052 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VO3052
Description  Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/µs dV/dt, 600 V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO3052 Datasheet(HTML) 2 Page - Vishay Siliconix

  VO3052_08 Datasheet HTML 1Page - Vishay Siliconix VO3052_08 Datasheet HTML 2Page - Vishay Siliconix VO3052_08 Datasheet HTML 3Page - Vishay Siliconix VO3052_08 Datasheet HTML 4Page - Vishay Siliconix VO3052_08 Datasheet HTML 5Page - Vishay Siliconix VO3052_08 Datasheet HTML 6Page - Vishay Siliconix VO3052_08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 83749
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 23-Oct-08
923
VO3052, VO3053
Optocoupler, Non Zero Crossing Phototriac,
1.5 kV/µs dV/dt, 600 V
Vishay Semiconductors
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Fig. 1 - On-State Current (RMS) vs. Temperature
Note
The allowable load current was calculated out under a given operating conditions and only for reference:
LED power: QE = 0.015 W, RBA (2-layer) = 72 °C/W
Note
The thermal model is represented in the thermal network below. Each resistance value given in this model can be used to calculate the
temperatures at each node for a given operating condition. The thermal resistance from board to ambient will be dependent on the type of PCB,
layout and thickness of copper traces. For a detailed explanation of the thermal model, please reference Vishay's Thermal Characteristics of
Optocouplers Application note.
COUPLER
Isolation test voltage
t = 1.0 s
VISO
5300
VRMS
Total power dissipation
Ptot
300
mW
Operating temperature
Tamb
- 40 to + 100
°C
Storage temperature
Tstg
- 55 to + 150
°C
Soldering temperature (2)
10 s
Tsld
260
°C
THERMAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Maximum LED junction temperature
Tjmax
125
°C
Maximum output die junction temperature
Tjmax
125
°C
Thermal resistance, junction emitter to board
θ
JEB
150
°C/W
Thermal resistance, junction emitter to case
θ
JEC
139
°C/W
Thermal resistance, junction detector to board
θ
JDB
78
°C/W
Thermal resistance, junction detector to case
θ
JDC
103
°C/W
Thermal resistance, junction emitter to junction detector
θ
JED
496
°C/W
Thermal resistance, case to ambient
θ
CA
3563
°C/W
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
0
20
40
60
80
100
120
- 40 - 20
0
20
40
60
80100
I
F = 10 mA
21353
Temperature (°C)


Similar Part No. - VO3052_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3052-X001 VISHAY-VO3052-X001 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VO3052-X006 VISHAY-VO3052-X006 Datasheet
130Kb / 8P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
Rev. 1.5, 07-Nov-06
VO3052-X006 VISHAY-VO3052-X006 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
Rev. 1.9, 11-Aug-11
VO3052-X006 VISHAY-VO3052-X006 Datasheet
191Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 2.2, 12-May-17
VO3052-X006 VISHAY-VO3052-X006 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
More results

Similar Description - VO3052_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062 Datasheet
122Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3062 VISHAY-VO3062_08 Datasheet
117Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3052 VISHAY-VO3052 Datasheet
130Kb / 8P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
Rev. 1.5, 07-Nov-06
VO3052 VISHAY-VO3052_17 Datasheet
191Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 2.2, 12-May-17
VOM3052 VISHAY-VOM3052_15 Datasheet
125Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 1.5, 27-Jan-15
VOM3052 VISHAY-VOM3052 Datasheet
116Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 1.3, 22-May-12
VO3052 VISHAY-VO3052_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VO3062 VISHAY-VO3062_V01 Datasheet
210Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VOM3052 VISHAY-VOM3052_V01 Datasheet
126Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 Vs
01-Jan-2022
VOM160 VISHAY-VOM160 Datasheet
117Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 0.5 kV/μs dV/dt, 600 V
Rev. 1.6, 22-May-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com