Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO3062 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VO3062
Description  Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO3062 Datasheet(HTML) 4 Page - Vishay Siliconix

  VO3062_08 Datasheet HTML 1Page - Vishay Siliconix VO3062_08 Datasheet HTML 2Page - Vishay Siliconix VO3062_08 Datasheet HTML 3Page - Vishay Siliconix VO3062_08 Datasheet HTML 4Page - Vishay Siliconix VO3062_08 Datasheet HTML 5Page - Vishay Siliconix VO3062_08 Datasheet HTML 6Page - Vishay Siliconix VO3062_08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83748
930
Rev. 1.6, 23-Oct-08
VO3062, VO3063
Vishay Semiconductors
Phototriac, Zero Crossing,
1.5 kV/µs dV/dt, 600 V
Note
As per IEC 60747-5-2, 7.4.3.8.1, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of prodective circuits.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 2 - Forward Voltage vs. Forward Current
Fig. 3 - Off-State Leakage Current vs. Temperature
Fig. 4 - On-State Current vs. VTM
Fig. 5 - Normalized Trigger Current vs. Temperature
Partial discharge test voltage
Method a,
Vpd = VIORM x 1.875
Vpd
1325
Vpeak
Safety limiting values -
maximum values allowed in the
event of a failure
Safety power rating
PSO
400
mW
Safety current rating
ISI
150
mA
Safety temperature rating
TSI
165
°C
Minimum external air gap (clearance)
Measured from input
terminals to output
terminals, shortest
distance through air
≥ 7mm
Minimum external tracking (creepage)
Measured from input
terminals to output
terminals, shortest
distance path along
body
≥ 7mm
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
0.8
0.9
1.0
1.1
1.2
1.3
1.4
110
100
I
F - Forward Current (mA)
19620
Ta = 85 °C
Ta = 25 °C
Ta = - 40 °C
1
10
100
1000
- 40
- 20
0
20
40
60
80100
Temperature (°C)
19619
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
- 2 - 1.5 - 1 - 0.5
0
0.5
1
1.5
2
On-State Voltage V
TM (V)
19605
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
- 40
10
60
110
Temperature (°C)
19621


Similar Part No. - VO3062_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062-X006 VISHAY-VO3062-X006 Datasheet
122Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3062-X006 VISHAY-VO3062-X006 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO3062-X007T VISHAY-VO3062-X007T Datasheet
122Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3062-X007T VISHAY-VO3062-X007T Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO3062-X007T VISHAY-VO3062-X007T Datasheet
210Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
More results

Similar Description - VO3062_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062 Datasheet
122Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3052 VISHAY-VO3052_08 Datasheet
130Kb / 7P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3052 VISHAY-VO3052 Datasheet
130Kb / 8P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
Rev. 1.5, 07-Nov-06
VO3062 VISHAY-VO3062_V01 Datasheet
210Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VO3052 VISHAY-VO3052_17 Datasheet
191Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 2.2, 12-May-17
VOM3052 VISHAY-VOM3052_15 Datasheet
125Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 1.5, 27-Jan-15
VOM3052 VISHAY-VOM3052 Datasheet
116Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 1.3, 22-May-12
VO3052 VISHAY-VO3052_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VOM3052 VISHAY-VOM3052_V01 Datasheet
126Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 Vs
01-Jan-2022
VOM160 VISHAY-VOM160 Datasheet
117Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 0.5 kV/μs dV/dt, 600 V
Rev. 1.6, 22-May-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com