Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO3062 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VO3062
Description  Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO3062 Datasheet(HTML) 3 Page - Vishay Siliconix

  VO3062 Datasheet HTML 1Page - Vishay Siliconix VO3062 Datasheet HTML 2Page - Vishay Siliconix VO3062 Datasheet HTML 3Page - Vishay Siliconix VO3062 Datasheet HTML 4Page - Vishay Siliconix VO3062 Datasheet HTML 5Page - Vishay Siliconix VO3062 Datasheet HTML 6Page - Vishay Siliconix VO3062 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 83748
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 23-Oct-08
929
VO3062, VO3063
Phototriac, Zero Crossing,
1.5 kV/µs dV/dt, 600 V
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
T
A
θ
CA
T
C
T
JD
T
JE
T
B
θ
EC
θ
EB
θ
DC
θ
DB
θ
BA
θ
DE
T
A
19996
Package
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Reverse current
VR = 6 V
IR
10
µA
Forward voltage
IF = 30 mA
VF
1.2
1.5
V
OUTPUT
Leakage with LED off, either direction
VDRM = 600 V
IDRM
10
500
nA
Critical rate of rise off-state voltage
VD = 400 V
dV/dt
1500
2000
V/µs
COUPLER
LED trigger current,
current required to latch output
VO3063
IFT
5mA
VO3062
IFT
10
mA
Peak on-state voltage,
either direction
ITM = 100 mA Peak,
IF = Rated IFT
VTM
1.7
3
V
Holding current, either direction
IH
200
µA
Inhibit voltage (MT1-MT2 voltage
above which device will not trigger)
VINH
12
22
V
Leakage in inhibited state
IF = 10 mA maximum,
at rated VDRM, off state
VDRM2
250
1000
µA
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
IEC 68 part 1
40/85/21
Pollution degree
DIN VDE 0109
2
Comparative tracking index per DIN IEC 112/VDE 0303 part 1,
group IIIa per DIN VDE 6110 175 399
CTI
175
Highest allowable overvoltage
Transient
overvoltage
VIOTM
8000
Vpeak
Maximum working insulation voltage
Recurring peak
voltage
VIORM
890
Vpeak
Insulation resistance at 25 °C
VIO = 500 V
RIS
≥ 1012
Ω
Insulation resistance at TS
VIO = 500 V
RIS
≥ 109
Ω
Insulation resistance at 100 °C
VIO = 500 V
RIS
≥ 1011
Ω


Similar Part No. - VO3062

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062 Datasheet
122Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3062 VISHAY-VO3062 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO3062 VISHAY-VO3062 Datasheet
210Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VO3062-X006 VISHAY-VO3062-X006 Datasheet
122Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3062-X006 VISHAY-VO3062-X006 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
More results

Similar Description - VO3062

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062 Datasheet
122Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3052 VISHAY-VO3052_08 Datasheet
130Kb / 7P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3052 VISHAY-VO3052 Datasheet
130Kb / 8P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
Rev. 1.5, 07-Nov-06
VO3062 VISHAY-VO3062_V01 Datasheet
210Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VO3052 VISHAY-VO3052_17 Datasheet
191Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 2.2, 12-May-17
VOM3052 VISHAY-VOM3052_15 Datasheet
125Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 1.5, 27-Jan-15
VOM3052 VISHAY-VOM3052 Datasheet
116Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 1.3, 22-May-12
VO3052 VISHAY-VO3052_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VOM3052 VISHAY-VOM3052_V01 Datasheet
126Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 Vs
01-Jan-2022
VOM160 VISHAY-VOM160 Datasheet
117Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 0.5 kV/μs dV/dt, 600 V
Rev. 1.6, 22-May-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com